Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3125 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3125
Description  Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3125 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3125_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3125_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3125_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3125_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3125_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3125_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3125
2006-11-16
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-OFF current
IDSS
VDS = 30 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 30 A
5.3
7.0
m
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 30 A
30
60
S
Input capacitance
Ciss
4600
Reverse transfer capacitance
Crss
1400
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
2300
pF
Rise time
tr
25
Turn-ON time
ton
40
Fall time
tf
150
Switching time
Turn-OFF time
toff
425
ns
Total gate charge
(gate-source plus gate-drain)
Qg
130
Gate-source charge
Qgs
90
Gate-drain (“miller”) charge
Qgd
VDD ∼− 24 V, VGS = 10 V, ID = 70 A
40
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
70
A
Pulse drain reverse current
(Note 1)
IDRP
210
A
Forward voltage (diode)
VDSF
IDR = 70 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
150
ns
Reverse recovery charge
Qrr
IDR = 70 A, VGS = 0 V,
dIDR/dt = 50 A/μs
225
nC
Marking
Duty <= 1%, tw = 10 μs
0 V
10 V
VGS
RL = 0.5 Ω
VDD ∼− 15 V
ID = 30 A
VOUT
K3125
Lot No.
Part No. (or abbreviation code)
TOSHIBA


Similar Part No. - 2SK3125_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3125 TOSHIBA-2SK3125_08 Datasheet
192Kb / 6P
   DC-DC Converter, Relay Drive and
More results

Similar Description - 2SK3125_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3438 TOSHIBA-2SK3438 Datasheet
207Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498_06 Datasheet
161Kb / 3P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com