Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3079A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3079A
Description  Silicon N Channel MOS Type 470 MHz Band Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3079A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3079A Datasheet HTML 1Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 2Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 3Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 4Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SK3079A
2007-11-01
4
Caution: These are typical curves and devices are not necessarily guaranteed at these curves.
Pi – Ids
(f
= 470 MHz, Iidle = 50 mA, Tc = 25°C)
Pi (dBmW)
0.0
0
1.2
30
10
0.8
0.4
20
1.6
1.0
0.6
0.2
1.4
Vdd
= 4.5 V
Vdd
= 2.4 V
Vdd
= 3.6 V
Vdd
= 6.0 V


Similar Part No. - 2SK3079A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3079A TOSHIBA-2SK3079A Datasheet
114Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3079A TOSHIBA-2SK3079A Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3079A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3077 TOSHIBA-2SK3077_07 Datasheet
151Kb / 4P
   SILICON N CHANNEL MOS TYPE 900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
2SK4037 TOSHIBA-2SK4037 Datasheet
171Kb / 5P
   470 MHz Band Amplifier Applications
2SK3078A TOSHIBA-2SK3078A_07 Datasheet
131Kb / 5P
   Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
2SK2854 TOSHIBA-2SK2854 Datasheet
107Kb / 2P
   N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATIONS)
2SK3656 TOSHIBA-2SK3656 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3756 TOSHIBA-2SK3756 Datasheet
155Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3475 TOSHIBA-2SK3475_07 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3476 TOSHIBA-2SK3476_07 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
logo
WALSIN TECHNOLOGY CORPO...
RFLPF2012090Y2T WALSIN-RFLPF2012090Y2T Datasheet
546Kb / 7P
   400 ~ 470 MHz Band RF Applications
logo
Toshiba Semiconductor
2SK2855 TOSHIBA-2SK2855 Datasheet
107Kb / 2P
   N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com