Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3079A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3079A
Description  Silicon N Channel MOS Type 470 MHz Band Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3079A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3079A_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3079A_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3079A_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3079A_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3079A_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK3079A
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3079A
470 MHz Band Amplifier Applications
(Note)The TOSHIBA products listed in this document are intended for
high frequency Power Amplifier of telecommunications equipment. These
TOSHIBA products are neither intended nor warranted for any other use.
Do not use these TOSHIBA products listed in this document except for
high frequency Power Amplifier of telecommunications equipment
• Output power: Po = 33.50dBmW (2.2 W) (min)
• Gain: Gp = 13.50dB (min)
• Drain Efficiency: ηD = 50.0% (min)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
10
V
Gate-source voltage
VGSS
3
V
Drain current
ID
3
A
Power dissipation
PD (Note 1)
20.0
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−45~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Tc = 25°C (When mounted on a 1.6 mm glass epoxy PCB)
Marking
Caution: This device is sensitive to electrostatic discharge.
Please make enough tool and equipment earthed when you handle.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-5N1A
Weight: 0.08 g (typ.)
UD
F
**
Type Name
Dot
Lot No.


Similar Part No. - 2SK3079A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3079A TOSHIBA-2SK3079A Datasheet
114Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3079A TOSHIBA-2SK3079A Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3079A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3077 TOSHIBA-2SK3077_07 Datasheet
151Kb / 4P
   SILICON N CHANNEL MOS TYPE 900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
2SK4037 TOSHIBA-2SK4037 Datasheet
171Kb / 5P
   470 MHz Band Amplifier Applications
2SK3078A TOSHIBA-2SK3078A_07 Datasheet
131Kb / 5P
   Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
2SK2854 TOSHIBA-2SK2854 Datasheet
107Kb / 2P
   N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATIONS)
2SK3656 TOSHIBA-2SK3656 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3756 TOSHIBA-2SK3756 Datasheet
155Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3475 TOSHIBA-2SK3475_07 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3476 TOSHIBA-2SK3476_07 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
logo
WALSIN TECHNOLOGY CORPO...
RFLPF2012090Y2T WALSIN-RFLPF2012090Y2T Datasheet
546Kb / 7P
   400 ~ 470 MHz Band RF Applications
logo
Toshiba Semiconductor
2SK2855 TOSHIBA-2SK2855 Datasheet
107Kb / 2P
   N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com