Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3068 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3068
Description  Silicon N Channel MOS Type Chopper Regulator DC−DC Converter, and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3068 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3068_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3068_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3068_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3068_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3068_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3068_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3068
2006-11-02
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK3068
Chopper Regulator DC−DC Converter, and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 0.4 Ω (typ.)
High forward transfer admittance
: |Yfs| = 9.0 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 500 V)
Enhancement mode
: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.25
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
83.3
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 4.3 mH, RG = 25 Ω, IAR = 12 A
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
500
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
500
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
12
A
Drain current
Pulse (Note 1)
IDP
48
A
Drain power dissipation (Tc
= 25°C)
PD
100
W
Single pulse avalanche energy
(Note 2)
EAS
364
mJ
Avalanche current
IAR
12
A
Repetitive avalanche energy (Note 3)
EAR
10
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C


Similar Part No. - 2SK3068_06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3068B ISC-2SK3068B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3068K ISC-2SK3068K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3068 TOSHIBA-2SK3068_10 Datasheet
450Kb / 6P
   Chopper Regulator DC−DC Converter, and Motor Drive Applications
More results

Similar Description - 2SK3068_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2995 TOSHIBA-2SK2995_06 Datasheet
719Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3117 TOSHIBA-2SK3117_06 Datasheet
718Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK2173 TOSHIBA-2SK2173 Datasheet
410Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com