Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1V101MT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SC1V101MT
Description  CHIP TYPE, LOW LEAKAGE CURRENT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC1V101MT Datasheet(HTML) 2 Page - DB Lectro Inc

  SC1V101MT Datasheet HTML 1Page - DB Lectro Inc SC1V101MT Datasheet HTML 2Page - DB Lectro Inc SC1V101MT Datasheet HTML 3Page - DB Lectro Inc SC1V101MT Datasheet HTML 4Page - DB Lectro Inc SC1V101MT Datasheet HTML 5Page - DB Lectro Inc SC1V101MT Datasheet HTML 6Page - DB Lectro Inc SC1V101MT Datasheet HTML 7Page - DB Lectro Inc SC1V101MT Datasheet HTML 8Page - DB Lectro Inc SC1V101MT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
6.3
10
16
WV
F
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
10
4 x 5.4
26
25
22
4 x 5.4
18
31
5 x 5.4
15
35
5 x 5.4
12
39
33
5 x 5.4
13
39
5 x 5.4
10
43
6.3 x 5.4
8
57
47
5 x 5.4
8.5
47
6.3 x 5.4
7.0
59
6.3 x 5.4
6
68
100
5 x 5.4
4.0
71
6.3 x 5.4
3.3
76
25
35
50
WV
F
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
0.1
4 x 5.4
1660
1.0
0.22
4 x 5.4
754
2.3
0.33
4 x 5.4
503
3.5
0.47
4 x 5.4
353
5
1
4 x 5.4
166
10
2.2
4 x 5.4
75
15
3.3
4 x 5.4
50
18
4.7
4 x 5.4
50
19
4 x 5.4
42
20
5 x 5.4
35
23
10
5 x 5.4
23
28
5 x 5.4
20
30
6.3 x 5.4
17
34
22
6.3 x 5.4
11
52
6.3 x 5.4
9
54
33
6.3 x 5.4
7
63
Case size
D L (mm), maximum E.S.R. ( ) at 20 C 120Hz, ripple current (mA rms) at 85 C 120Hz
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
~50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SC1V101MT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SC10-005 FRONTIER-SC10-005 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-01 FRONTIER-SC10-01 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-02 FRONTIER-SC10-02 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-04 FRONTIER-SC10-04 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
SC10-06 FRONTIER-SC10-06 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
More results

Similar Description - SC1V101MT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
Shanghai Semitech Semic...
ZY3.6 SEMITECH-ZY3.6 Datasheet
48Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com