Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2823 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2823
Description  Silicon N Channel MOS Type For Portable Equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2823 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2823 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2823 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2823 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2823 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2823 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK2823
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = 10 V, VDS = 0
1
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 100 μA, VGS = 0
20
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0
1
μA
Gate threshold voltage
Vth
VDS = 1.5 V, ID = 0.1 mA
0.5
1.0
V
Forward transfer admittance
⎪Yfs
VDS = 1.5 V, ID = 10 mA
35
70
mS
Drain-source ON resistance 1
RDS (ON) 1
ID = 1 mA, VGS = 1.2 V
15
50
Ω
Drain-source ON resistance 2
RDS (ON) 2
ID = 10 mA, VGS = 1.5 V
10
40
Ω
Drain-source ON resistance 3
RDS (ON) 3
ID = 10 mA, VGS = 2.5 V
7
28
Ω
Input capacitance
Ciss
VDS = 1.5 V, VGS = 0, f = 1 MHz
12
pF
Reverse transfer capacitance
Crss
VDS = 1.5 V, VGS = 0, f = 1 MHz
3.4
pF
Output capacitance
Coss
VDS = 1.5 V, VGS = 0, f = 1 MHz
12
pF
Turn-on time
ton
0.35
Switching time
Turn-off time
toff
VDD = 1.5 V, ID = 10 mA,
VGS = 0~1.5 V
0.2
μs
Switching Time Test Circuit
(1)
Test circuit
(2)
VIN
VGS
(3)
VOUT
VDS


Similar Part No. - 2SK2823

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2823 TOSHIBA-2SK2823 Datasheet
202Kb / 4P
   N CHANNEL MOS TYPE (FOR PORTABLE EQUIPMENT HIGH SPEED, ANALOG SWITCH APPLICATIONS)
More results

Similar Description - 2SK2823

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2825 TOSHIBA-2SK2825_07 Datasheet
549Kb / 5P
   Silicon N Channel MOS Type For Portable Equipment
2SK2824 TOSHIBA-2SK2824_07 Datasheet
551Kb / 5P
   Silicon N Channel MOS Type For Portable Equipment
HN1K05FU TOSHIBA-HN1K05FU_07 Datasheet
154Kb / 5P
   Silicon N Channel MOS Type For Portable Devices
2SK2823 TOSHIBA-2SK2823 Datasheet
202Kb / 4P
   N CHANNEL MOS TYPE (FOR PORTABLE EQUIPMENT HIGH SPEED, ANALOG SWITCH APPLICATIONS)
TPC6004 TOSHIBA-TPC6004 Datasheet
202Kb / 7P
   Notebook PC Applications Portable Equipment Applications Silicon N Channel MOS Type (U-MOSIII)
2SK2824 TOSHIBA-2SK2824 Datasheet
203Kb / 4P
   N CHANNEL MOS TYPE (FOR PORTABLE EQUIPMENT HIGH SPEED SWITCH, ANALOG SWITCH APPLICATIONS)
2SK2825 TOSHIBA-2SK2825 Datasheet
202Kb / 4P
   N CHANNEL MOS TYPE (FOR PORTABLE EQUIPMENT HIGH SPEED SWITCH, ANALOG SWITCH APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com