Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1V221KT Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SM1V221KT
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SM1V221KT Datasheet(HTML) 1 Page - DB Lectro Inc

  SM1V221KT Datasheet HTML 1Page - DB Lectro Inc SM1V221KT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Miniaturized low profile with 9mm to 25mm height
Load life of 2000 hours at 85°C
OUTLINE
mm
D
5
6.3
8
10131618
F
2.0
2.5
3.5
d
SPECIFICATIONS
6.3
10
16
25
35
50
160
200
250
350
400
450
8
13
20
32
44
63
200
250
300
400
450
500
6.3
10
16
25
35
50
160
200
250
350
400
450
0.28 0.24 0.20 0.16 0.14 0.12 0.15 0.15 0.15 0.20 0.24 0.24
6.3
10
16
25
35
50
160
200
250
350
400
450
543222333666
12
10
8543666
-
-
-
(1000 hours for 8
φ and smaller)
Shelf Test
Surge Voltage (25°C)
W.V.
W.V.
Temperature Characteristics
Impedance ratio at 120Hz
Leakage Current
Capacitance Change
Capacitance Change
≤ ± 20% of initial value
≤ 200% of initial specified value
Load Test
≤ ± 20% of initial value
≤ 200% of initial specified value
≤ initial specified value
After 1000 hours, no voltage applied at +85°C, the capacitor shall meet the following limits:
tan
δ
Leakage Current
tan
δ
≤ 200% of initial specified value
Dissipation Factor (120Hz, 25°C)
For capacitance exceeding 1000 u F, add 0.02 per increment of 1000 u F
After 2000 hours application of WV at +85°C, the capacitor shall meet the following limits:
- 40°C / + 25°C
tan
δ
- 25°C / + 25°C
W.V.
S.V.
I
≤ 0.01CV or 3 (u A)
I
≤ 0.04CV + 100 (u A)
Capacitance Tolerance
(After 2 minutes applying the DC working voltage)
(After 1 minute applying the DC working voltage)
Leakage Current (25°C)
I : Leakage Current (u A)
C : Rated Capacitance (u F)
V : Working Voltage (V)
(120Hz, 25°C)
Characteristics
Items
-40°C ~ +85°C
-25°C ~ +85°C
Operation Temperature
Rated Working Voltage Range
6.3 ~ 250Vdc
350 ~ 450Vdc
± 20% (M)
7.5
0.5
5.0
0.6
0.8
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
SM Series
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SM1V221KT

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
   Sound level meter
logo
Pulse A Technitrol Comp...
SM1 PULSE-SM1 Datasheet
224Kb / 8P
   2Watt Pulse, Electrostatically Shielded
logo
List of Unclassifed Man...
SM1 ETC-SM1 Datasheet
800Kb / 5P
   SM Solenoids
18/8/15
logo
Bothhand USA, LP.
SM1-0505(H)LF BOTHHAND-SM1-0505(H)LF Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
SM1-0509(H)LF BOTHHAND-SM1-0509(H)LF Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
More results

Similar Description - SM1V221KT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com