Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2A100LT Datasheet(PDF) 11 Page - DB Lectro Inc

Part # EL2A100LT
Description  CHIP TYPE, LONG LIFE ASSURANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

EL2A100LT Datasheet(HTML) 11 Page - DB Lectro Inc

Back Button EL2A100LT Datasheet HTML 5Page - DB Lectro Inc EL2A100LT Datasheet HTML 6Page - DB Lectro Inc EL2A100LT Datasheet HTML 7Page - DB Lectro Inc EL2A100LT Datasheet HTML 8Page - DB Lectro Inc EL2A100LT Datasheet HTML 9Page - DB Lectro Inc EL2A100LT Datasheet HTML 10Page - DB Lectro Inc EL2A100LT Datasheet HTML 11Page - DB Lectro Inc EL2A100LT Datasheet HTML 12Page - DB Lectro Inc EL2A100LT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Taping Specifications for Chip Type Aluminum Electrolytic Capacitors
Carrier Tape
Drawing 1 (for
4 ~
10)
4.0±0.1
2.0±0.1
1.5 +0.1~-0
P±0.1
A±0.2
F±0.1
1.75±0.1
T2±0.2
0.4
Dimension
(Unit: mm)
D L
4 5.4/5.8
5 5.4/5.8
6.3 5.4/5.8
6.3 7.7
8 6.2
8 10.5
10 10.5/13.5
W
12.0
12.0
16.0
12.0
16.0
24.0
24.0
P
8.0
12.0
12.0
12.0
12.0
16.0
16.0
F
5.5
5.5
7.5
7.5
7.5
11.5
11.5
A
5.0
6.0
7.0
7.0
8.7
8.7
10.7
B
5.0
6.0
7.0
7.0
8.7
8.7
10.7
T2
5.8/6.3
5.8/6.3
5.8/6.3
8.4
6.8
11.0
11.0/14.0
Drawing 2 (for
12.5 ~
16)
Dimension
(Unit: mm)
D L
12.5 13.5
12.5 16
W 0.3
32.0
32.0
P 0.1
24.0
24.0
F 0.1
14.2
14.2
A0 0.2
14.0
14.0
B
B
0 0.2
14.0
14.0
T2 0.2
14.0
16.5
S 0.1
28.4
28.4
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - EL2A100LT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EL2-P35 PHOENIX-EL2-P35 Datasheet
66Kb / 2P
   Relay retaining bracket, with eject function and integrated equipment marking area (8 x 25 mm), to suit relay socket PR2, for 35 mm high industrial relay
logo
Axiomtek Co., Ltd.
EL200 AXIOMTEK-EL200 Datasheet
481Kb / 3P
   10/100BASE-TX to 100BASE-BX WDM Media Converter
logo
Intersil Corporation
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Elantec Semiconductor
EL2001ACN ELANTEC-EL2001ACN Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
logo
Intersil Corporation
EL2001ACN INTERSIL-EL2001ACN Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
More results

Similar Description - EL2A100LT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUL NICHICON-UUL Datasheet
788Kb / 2P
   Chip Type, Long Life Assurance
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
   Radial Lead Type, Long Life Assurance
PLV NICHICON-PLV Datasheet
957Kb / 2P
   Radial Lead Type, Long Life Assurance
PLS NICHICON-PLS Datasheet
990Kb / 2P
   Radial Lead Type, Long Life Assurance
LGZ NICHICON-LGZ Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
   TACT Switch Long Operating life Type
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
   Chip Type, LongLife Assurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com