Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ680 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ680
Description  Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ680 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ680_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ680_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ680_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ680_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ680_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ680_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ680
2006-11-17
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cutoff current
IDSS
VDS = −200 V, VGS = 0 V
−100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−200
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−1.5
−3.5
V
Drain-source ON-resistance
RDS (ON)
VGS = −10 V, ID = −1.5 A
1.6
2.0
Ω
Forward transfer admittance
⎪Yfs
VDS = −10 V, ID = −1.5 A
1.0
2.0
S
Input capacitance
Ciss
410
Reverse transfer capacitance
Crss
40
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
145
pF
Rise time
tr
20
Turn-on time
ton
45
Fall time
tf
15
Switching time
Turn-off time
toff
85
ns
Total gate charge
(gate-source plus gate-drain)
Qg
10
Gate-source charge
Qgs
6
Gate-drain (“Miller”) charge
Qgd
VDD ∼− −160 V, VGS = −10 V,
ID = −2.5 A
4
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
−2.5
A
Pulse drain reverse current
(Note 1)
IDRP
−10
A
Forward voltage (diode)
VDSF
IDR = −2.5 A, VGS = 0 V
2.0
V
Reverse recovery time
trr
135
ns
Reverse recovery charge
Qrr
IDR = −2.5 A, VGS = 0 V,
dIDR/dt = 100 A/μs
0.81
μC
Marking
Duty <= 1%, tw = 10 μs
−10 V
0 V
VGS
RL = 66.7 Ω
VDD ∼− −100 V
ID = −1.5 A VOUT
J680
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SJ680_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ680 TOSHIBA-2SJ680_09 Datasheet
180Kb / 6P
   Switching Applications
More results

Similar Description - 2SJ680_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ512 TOSHIBA-2SJ512_06 Datasheet
780Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537_06 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ525 TOSHIBA-2SJ525_06 Datasheet
158Kb / 3P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com