Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1V220KT Datasheet(PDF) 9 Page - DB Lectro Inc

Part # CN1V220KT
Description  CHIP TYPE, NON-POLARIZED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CN1V220KT Datasheet(HTML) 9 Page - DB Lectro Inc

Back Button CN1V220KT Datasheet HTML 5Page - DB Lectro Inc CN1V220KT Datasheet HTML 6Page - DB Lectro Inc CN1V220KT Datasheet HTML 7Page - DB Lectro Inc CN1V220KT Datasheet HTML 8Page - DB Lectro Inc CN1V220KT Datasheet HTML 9Page - DB Lectro Inc CN1V220KT Datasheet HTML 10Page - DB Lectro Inc CN1V220KT Datasheet HTML 11Page - DB Lectro Inc CN1V220KT Datasheet HTML 12Page - DB Lectro Inc CN1V220KT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Cleaning condition: Total cleaning time shall be within 5 minutes by immersion, ultrasonic or other
method. Temperature of the cleaning agent shall be 60 C or lower. After
cleaning, capacitors should be dried using hot air for minimum of 10 minutes
along with the PC board. Hot air temperature should be below the maximum
operating temperature of the capacitor. Insufficient dry after water rinse may
cause appearance problems, sleeve shirk, bottom- plate bulge and such.
Avoid using ozone destructive substance for cleaning agents to concern about global
environment. Please consult us regarding other cleaning agents or cleaning methods.
3. In The Equipment
1) Do not directly touch terminal by hand.
2) Do not short between terminal by conductor, nor spill conductible liquid such as alkaline or acidic
solution on or near the capacitor.
3) Please make sure that the ambient conditions where the set is installed will be free from spilling water
or oil, direct sunlight, ultraviolet rays, radiation, poisonous gases, vibration or mechanical shock.
4. Maintenance and Inspection
Please periodically inspect the aluminum capacitors that are installed in industrial equipment. The
following Items should be checked:
Appearance: Remarkable abnormality such as vent operation, leaking electrolyte etc.
Electrical characteristic: Capacitance, dielectric loss tangent, leakage current etc., which are specified
in this catalogue.
5. In an Emergency
1) If you see smoke due to operation of safety vent, turn off the main switch or pull out the plug from the
outlet.
2) Do not draw your face to the safety vent since gas over 100 C will be emitted when the safety vent
operates. If the gas has entered your eyes, please flush your eyes immediately in pure water. If you
breathed the gas immediately wash out your mouth and throat with water. Do not ingest electrolyte. If
your skin is exposed to electrolyte, please wash it away using soap and water.
6. Storage
1) Do not keep capacitor in high temperature and high humidity.
Storage conditions should be:
Temperature : +5 C ~ +35 C
Humidity
: Lower than 75%
Place
: Indoor
2) Avoid ambient conditions where capacitors can be covered with water, brine or oil.
3) Avoid ambient conditions where capacitors are exposed to poisonous gases such as hydrogen sulfide,
sulfurous acid, nitrous acid, chlorine, ammonium etc.
4) Do not keep capacitor in conditions that expose the capacitor to ozone, ultraviolet ray or radiation.
7. Disposal
Please dispose capacitors in either of the following ways:
1) Incinerate capacitors after crushing parts or making a hole on the capacitor body.
2) Bury capacitors in the ground. Please have a disposal specialist do it.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CN1V220KT

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CN1 CDIL-CN1 Datasheet
258Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Tyco Electronics
CN1 MACOM-CN1 Datasheet
43Kb / 1P
   On Delay, Time Delay Relay For Plug-In or Panel Mounting
logo
Japan Aviation Electron...
CN10 JAE-CN10 Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB-M-0-R JAE-CN10-RB-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB1-M-0-R JAE-CN10-RB1-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
More results

Similar Description - CN1V220KT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Assmann Electronics Inc...
AK500-U-3-R ASSMANN-AK500-U-3-R Datasheet
96Kb / 1P
   Power cord - SPT2 Non-Polarized
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
CW Industries
GRS-2011-3020 CWIND-GRS-2011-3020 Datasheet
24Kb / 1P
   ASSEMBLY DWG, S.P.S.T. ROCKER NON-POLARIZED 1.072 x .480 PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com