Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ619 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SJ619
Description  Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ619 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SJ619_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ619_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ619_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ619_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ619_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ619_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ619
2006-11-16
4
Case temperature
Tc (°C)
RDS (ON) − Tc
Drain-source voltage VDS (V)
IDR − VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth − Tc
Case temperature
Tc (°C)
PD − Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
−0.3
−30
−0.5
−3
−10
−5
−1.0
Common source
Tc
= 25°C
pulse test
−3
VGS = −10 V
−5
−1
−2
0, 1
0
0.2
0.4
0.6
0.8
1.0
0
0.5
0.1
0.3
0.2
0.4
Common source
pulse test
ID = −8 V
−4
−8
−2
−2, 4
VGS = −4 V
VGS = −10 V
−80
−40
0
40
80
160
120
100
300
1000
−1
−0.1
−100
−10
Ciss
Coss
Crss
Common source
VGS
= 0 V
f
= 1 MHz
Tc
= 25°C
10
30
500
3000
−0.3
−3
−30
5000
50
100
20
40
80
0
0
80
120
200
40
160
60
−100
−20
−60
−40
−80
0
0
Common source
ID = −16 A
Tc
= 25°C
pulse test
−40
VDD = −80 V
VGS
VDS
−20
−4
−12
−8
−16
0
−20
20
40
60
80
100
0
40
80
120
160
−1
−3
−2
−4
0
−80
−40
Common source
VDS = −10 V
ID = −1 mA
pulse test


Similar Part No. - 2SJ619_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SJ619_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620_06 Datasheet
191Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ610 TOSHIBA-2SJ610_06 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3844 TOSHIBA-2SK3844 Datasheet
227Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com