Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2C220KT Datasheet(PDF) 10 Page - DB Lectro Inc

Part # EL2C220KT
Description  CHIP TYPE, LONG LIFE ASSURANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

EL2C220KT Datasheet(HTML) 10 Page - DB Lectro Inc

Back Button EL2C220KT Datasheet HTML 5Page - DB Lectro Inc EL2C220KT Datasheet HTML 6Page - DB Lectro Inc EL2C220KT Datasheet HTML 7Page - DB Lectro Inc EL2C220KT Datasheet HTML 8Page - DB Lectro Inc EL2C220KT Datasheet HTML 9Page - DB Lectro Inc EL2C220KT Datasheet HTML 10Page - DB Lectro Inc EL2C220KT Datasheet HTML 11Page - DB Lectro Inc EL2C220KT Datasheet HTML 12Page - DB Lectro Inc EL2C220KT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LEAD FREE REFLOW SOLDERING CONDITION
(Applicable to Chip Type Aluminum Electrolytic Capacitors)
Recommended Conditions for Reflow Soldering
(1) A thermal condition system such as infrared radiation (IR) or hot blast should be adopted, and
vapor heat transfer systems (VPS) are not recommended.
(2) Reflow soldering should be performed one time. If the capacitor has to be reflowed twice, 30
minutes must be layout between each time.
(3) For lead-free type reflow soldering, please observe proper conditions below:
a) The time of preheating from 150°C to 200°C shall be within maximum 180 seconds;
b) The time of soldering temperature at 217°C measured on capacitors' top shall not exceed
tL (second);
c) The peak temperature on capacitors' top shall not exceed Tp(°C), and the time within 5°C
of actual peak temperature shall not exceed tp (second).
Classification Reflow Profile
*1. Average ramp-up rate is 3
/second max.
*2. Ramp-down rate is 6
/second max.
*3. Time from 25
to peak temperature is 8 minutes max.
tp
20 0
25
21 7
Tp
15 0
t L
25 t o Peak * 3
Ramp-down
Ramp-up *1
*2
P reheat 180 s ec Max
Ti m e
Critical Zone
217t oTp
Allowable Range of Peak Temperature
Size
Thickness (mm)
Volume (mm
3)
Tp(°C)
tL (second)
tp (second)
4~ 6.3,
8 6.2L
2.5
<350
250±0
90
5
8 10.5L
2.5
350~2000
240±0
90
5
10 10.5L/13.5L
2.5
350~2000
235±0
60
5
12.5,
16
2.5
>2000
230±0
30 (20*)
5
Re: (20*) is special for mid-to-high voltage which is HU series.
Recommended Land Size (Unit: mm)
Size
ab
c
4
1.6
2.6
1.6
5
1.6
3.0
1.6
6.3
1.6
3.5
1.6
8×6.2L
2.1
4.5
1.6
8×10.5L
3.0
3.5
2.5
10
4.0
4.0
2.5
12.5
4.0
5.7
3.0
16×16.5/21.5
6.0
6.5
3.5
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - EL2C220KT

ManufacturerPart #DatasheetDescription
logo
Energizer
EL2CR5 ENERGIZER-EL2CR5 Datasheet
62Kb / 1P
   6.0 Volts 39.5 grams (1.39 oz.) 26.0 cubic centimeters (1.6 cubic inch)
More results

Similar Description - EL2C220KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUL NICHICON-UUL Datasheet
788Kb / 2P
   Chip Type, Long Life Assurance
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
   Radial Lead Type, Long Life Assurance
PLV NICHICON-PLV Datasheet
957Kb / 2P
   Radial Lead Type, Long Life Assurance
PLS NICHICON-PLS Datasheet
990Kb / 2P
   Radial Lead Type, Long Life Assurance
LGZ NICHICON-LGZ Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
   TACT Switch Long Operating life Type
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
   Chip Type, LongLife Assurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com