Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1E220KT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # CS1E220KT
Description  CHIP TYPE, STANDARD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CS1E220KT Datasheet(HTML) 2 Page - DB Lectro Inc

  CS1E220KT Datasheet HTML 1Page - DB Lectro Inc CS1E220KT Datasheet HTML 2Page - DB Lectro Inc CS1E220KT Datasheet HTML 3Page - DB Lectro Inc CS1E220KT Datasheet HTML 4Page - DB Lectro Inc CS1E220KT Datasheet HTML 5Page - DB Lectro Inc CS1E220KT Datasheet HTML 6Page - DB Lectro Inc CS1E220KT Datasheet HTML 7Page - DB Lectro Inc CS1E220KT Datasheet HTML 8Page - DB Lectro Inc CS1E220KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CS Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
4
6.3
10
16
25
WV
F
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
4.7
4x5.4
19
10
4 x 5.4
25
5 x 5.4
28
15
4 x 5.4
28
5 x 5.4
34
22
4 x 5.4
31
5 x 5.4
35
5 x 5.4
39
6.3 x 5.4
52
33
4 x 5.4
28
5 x 5.4
39
5 x 5.4
43
6.3 x 5.4
57
6.3 x 5.4
63
47
4 x 5.4
33
5 x 5.4
47
5
x 5.4
52
6.3 x 5.4
68
6.3 x 5.4
68
56
4 x 5.4
39
5 x 5.4
54
6.3 x 5.4
68
6.3 x 5.4
74
6.3 x 5.4
82
68
5 x 5.4
45
6.3 x 5.4
62
6.3 x 5.4
72
6.3 x 5.4
80
6.3 x 5.4
94
100
5 x 5.4
56
6.3 x 5.4
71
6.3 x 5.4
76
6.3 x 5.4
86
6.3 x 7.7
145
150
6.3 x 5.4
74
6.3 x 5.4
78
6.3 x 5.4
88
6.3 x 7.7
150
8 x 10.5
190
220
6.3 x 5.4
96
6.3 x 5.4
95
6.3 x 7.7
170
6.3 x 7.7
160
8 x 10.5
230
330
6.3 x 7.7
150
6.3 x 7.7
190
8 x 10.5
250
8 x 10.5
280
10 x 10.5
305
470
6.3 x 7.7
200
8 x 10.5
270
8 x 10.5
300
10 x 10.5
330
680
8 x 10.5
285
8 x 10.5
320
10 x 10.5
380
10 x 10.5
390
1000
8 x 10.5
340
10 x 10.5
400
10 x 10.5
450
1500
10 x 10.5
390
35
50
63
100
WV
F
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
0.1
4 x 5.4
1.0
4 x 5.4
1.0
0.22
4 x 5.4
2.3
4 x 5.4
2.3
0.33
4 x 5.4
3.5
4 x 5.4
3.5
0.47
4 x 5.4
5.0
4 x 5.4
5.0
1
4 x 5.4
10
4 x 5.4
10
4 x 5.4
10
1.5
4 x 5.4
12
4 x 5.4
12
6.3 x 5.4
15
2.2
4 x 5.4
10
4 x 5.4
15
6.3 x 5.4
20
3.3
4 x 5.4
18
4 x 5.4
18
4 x 5.4
20
6.3 x 5.4
28
4.7
4 x 5.4
20
5 x 5.4
23
5 x 5.4
23
6.3 x 5.4
35
10
5 x 5.4
30
6.3 x 5.4
34
6.3 x 5.4
34
6.3x 7.7
50
22
6.3 x 5.4
54
6.3 x 5.4
45
6.3x 7.7
70
8 x 10.5
120
33
6.3 x 5.4
60
6.3 x 7.7
85
6.3 x 7.7
85
10 x 10.5
190
47
6.3 x 5.4
70
6.3 x 7.7
90
8 x 10.5
170
56
6.3 x 7.7
80
6.3 x 7.7
110
8 x 10.5
200
68
6.3 x 7.7
110
8 x 10.5
115
10 x 10.5
230
100
6.3 x 7.7
130
8 x 10.5
200
10 x 10.5
280
150
8 x 10.5
215
10 x 10.5
240
220
10 x 10.5
270
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
Case size
∅D×L (mm), ripple current (mA rms) at 85°C 120Hz
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CS1E220KT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Fujitsu Component Limit...
CS1 FUJITSU-CS1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
More results

Similar Description - CS1E220KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
   Chip Type, Standard
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
   Standard Type Mini-molded chip LEDs
logo
Kemet Corporation
Z0201C601ASMST KEMET-Z0201C601ASMST Datasheet
185Kb / 1P
   Multilayer Ferrite Chip Beads Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com