Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1A220KT Datasheet(PDF) 3 Page - DB Lectro Inc

Part # CS1A220KT
Description  CHIP TYPE, STANDARD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CS1A220KT Datasheet(HTML) 3 Page - DB Lectro Inc

  CS1A220KT Datasheet HTML 1Page - DB Lectro Inc CS1A220KT Datasheet HTML 2Page - DB Lectro Inc CS1A220KT Datasheet HTML 3Page - DB Lectro Inc CS1A220KT Datasheet HTML 4Page - DB Lectro Inc CS1A220KT Datasheet HTML 5Page - DB Lectro Inc CS1A220KT Datasheet HTML 6Page - DB Lectro Inc CS1A220KT Datasheet HTML 7Page - DB Lectro Inc CS1A220KT Datasheet HTML 8Page - DB Lectro Inc CS1A220KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EXPLANATION OF PART NUMBERS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
(17, 18)
Lead Shape
Code
Standard
00
Not standard
01
Length after cut is 3mm
30
Length after cut is 4.5mm
45
Length after cut is 5mm
50
Length after cut is 7.5mm
75
Length after cut is 10mm
1A
(15)
Sleeve
Code
PVC sleeve (White printing)
W
PVC sleeve (Black printing)
B
PVC sleeve (Golden printing)
G
PVC sleeve (Silver printing)
A
PET sleeve (Green colour
white printing)
1
PET sleeve (Purple colour
white printing)
2
PET sleeve (Yellow colour
black printing)
3
(16)
Rubber
Code
Plane
P
Convexity
T
(1, 2)
Series
CS
CK
SC
CN
KP
LZ
KZ
FZ
EL
KL
KH
HU
RA
RN
RT
RK
RM
RS
LA
LK
LM
LS
NP
NK
NM
NS
BP
TM
TN
SM
SK
(3, 4)
Vol.
(WV)
Code
20D
40G
6.3
0J
10
1A
16
1C
25
1E
35
1V
40
1G
50
1H
63
1J
100
2A
160
2C
200
2D
250
2E
315
2F
330
2U
350
2V
400
2G
450
2W
(5~7)
Cap.
( F)
Code
0.1
0R1
0.22
R22
0.33
R33
0.47
R47
1
010
2.2
2R2
3.3
3R3
4.7
4R7
10
100
22
220
33
330
47
470
100
101
220
221
330
331
470
471
1000
102
2200
222
3300
332
4700
472
10000
103
22000
223
(8)
Tol.
(%)
Code
+10
-10
K
+15
-15
L
+20
-20
M
(10)
Type
Code
Chip
C
Radial
R
Radial Taping
T
Snap-in
S
(12)
Dia.
( )
Code
3S
4C
5D
6.3
E
8F
10
G
12
H
12.5
I
13
J
13.5
V
14.5
A
16
K
18
L
20
M
22
N
25
O
30
P
35
Q
40
R
(13, 14)
Length
(mm)
Code
505
5.4
54
5.8
58
707
7.7
77
909
10.5
10
11
11
12
12
14
14
16
16
20
20
21
21
25
25
26
26
31
31
35
35
36
36
40
40
46
46
(11)
Type
Descriptions
Code
Chip
Taping & Reel
R
Bulk
B
Taping (Forming)
A
Taping (Straight)
S
Lead Cut
C
Lead Forming Cut
F
Lead Forming Only
M
Kinked Forming Cut
K
Kinked Straight Cut
Y
Snap-
in
Lead Snap-in
W
Series
Voltage (WV)
Capacitance ( F)
Cap.
Tol.(%)
Type
Lead
Process
Dia.( )
Length (mm)
Sleeve
Rubber
Lead Shape
Chip Type
Dash
_
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CS1A220KT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Fujitsu Component Limit...
CS1 FUJITSU-CS1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
More results

Similar Description - CS1A220KT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
   Chip Type, Standard
logo
Rohm
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
   Standard Type Mini-molded chip LEDs
logo
Kemet Corporation
Z0201C601ASMST KEMET-Z0201C601ASMST Datasheet
185Kb / 1P
   Multilayer Ferrite Chip Beads Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com