Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP86PM29BFG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TMP86PM29BFG
Description  8 Bit Microcontroller
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM29BFG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TMP86PM29BFG Datasheet HTML 1Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 2Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 3Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 4Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 5Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 6Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 7Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 8Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 204 page
background image
TMP86PM29BFG
The Functional Differences on Products basis:
TMP86C829B/CH29B/CM29B/PM29A/
PM29B/FM29/CM29L.
Note 1: UART and SIO can not use function synchronously because each function pins are shared.
Note 2: An emulation chip (TMP86C929AXB) can’t emulate the Flash memory functions, CPU wait and serial PROM mode.
Therefore, if the software which includes Flash memory function or CPU wait is executed in TMP86C929AXB, the opera-
tion might be different from TMP86FM29/CM29L.
Note 3: The operating temperature (Topr) of AD characteristics of all products (TMP86C829B/CH29B/CM29B/PM29A/PM29B/
FM29/CM29L) is -10to 85when the supply voltage VDD is less than 2.0V. For details, please refer to "AD Conversion
Characteristics" in data sheet of each product.
Note 4: The typical value of high and low frequency feedback resistor in TMP86FM29/CM29L are different from that of the other
products. For details, please refer to "Input/Output Circuitry" in data sheet of each product.
Note 5: The characteristic of power supply current differs in each product. For details, please refer to "Electirical Characteristics"
in data sheet of each product.
Note 6: The recommended operating condition of serial PROM mode in TMP86FM29 is different from MCU mode. Fore details,
please refer to "Electirical Characteristics" in data sheet of each product.
Products name
TMP86C829B
TMP86CH29B
TMP86CM29B
TMP86PM29A
TMP86PM29B
TMP86FM29
TMP86CM29L
ROM
8K bytes
(MASK)
16K bytes
(MASK)
32K bytes
(MASK)
32K bytes
(OTP)
32K bytes
(FLASH)
32K bytes
(MASK)
RAM
512 bytes
1.5K bytes
DBR
128 bytes
(Flash memory control/status registers <EEPCR, EEPSR> are non-available.)
128 bytes
(Flash memory control/status registers
<EEPCR, EEPSR> are available.)
I/O port
39 pins
Large current output
(Nch) port
4 pins (Sink-open-drain output)
20 mA (Typ)
4 pins (Sink-open-drain output)
6 mA (Typ)
Interrupt sources
External: 5 Internal: 14
Timer/Counter
18bit Timer/Counter: 1ch
8bit Timer/Counter: 4ch
UART/SIO
1ch (Note1)
Key-on wakeup
4ch
AD converter
10bit x 8ch (Note3)
LCD driver
32SEG x 4COM
Circuitry of TEST pin
Feedback resistor in
High- frequency circuit
(Note4)
Rf = 1.2 M Ω(Typ)
Rf = 3 M Ω(Typ)
Feedback resistor in
Low- frequency circuit
(Note4)
Rf = 6 M Ω(Typ)
Rf = 20 M Ω(Typ)
Emulation Chip
(Note2)
TMP86C929AXB
Package
P-QFP64-1414-0.80C
P-LQFP64-1010-0.50E
P-LQFP64-1010-
0.50D
Operating voltage
(Note 5)
1.8V to 5.5V at 4.2MHz/32.768kHz
2.7V to 5.5V at 8.0MHz/32.768kHz
4.5V to 5.5V at 16MHz/32.768kHz
1.8V to 3.6V at 8.0MHz/32.768kHz
2.7V to 3.6V at 16MHz/32.768kHz
(Note 6)
VDD
RIN
R
R
No Pull down
Resistor
No Protection
Diode (VDD side)
VDD
RIN
R


Similar Part No. - TMP86PM29BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86PM29B TOSHIBA-TMP86PM29B Datasheet
292Kb / 8P
   CMOS 8-Bit Microcontroller
TMP86PM29BUG TOSHIBA-TMP86PM29BUG Datasheet
2Mb / 204P
   8 Bit Microcontroller
More results

Similar Description - TMP86PM29BFG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com