Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP86PM74AFG Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMP86PM74AFG
Description  8 Bit Microcontroller
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 94Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 95Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 96Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 97Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 98Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 99Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 100Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 101Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 190 page
background image
Page 88
8. 16-Bit TimerCounter 1 (TC1)
8.3 Function
TMP86PM74AFG
Figure 8-7 PPG Output
Example :Generating a pulse which is high-going for 800 µs and low-going for 200
µs
(fc = 16 MHz)
Setting port
LD
(TC1CR), 10000111B
; Sets the PPG mode, selects the source clock
LDW
(TC1DRA), 007DH
; Sets the cycle (1 ms
÷ 27/fc ms = 007DH)
LDW
(TC1DRB), 0019H
; Sets the low-level pulse width (200
µs ÷ 27/fc = 0019H)
LD
(TC1CR), 10010111B
; Starts the timer
Example :After stopping PPG, setting the PPG pin to a high-level to restart PPG
(fc = 16 MHz)
Setting port
LD
(TC1CR), 10000111B
; Sets the PPG mode, selects the source clock
LDW
(TC1DRA), 007DH
; Sets the cycle (1 ms
÷ 27/fc µs = 007DH)
LDW
(TC1DRB), 0019H
; Sets the low-level pulse width (200
µs ÷ 27/fc = 0019H)
LD
(TC1CR), 10010111B
; Starts the timer
::
LD
(TC1CR), 10000111B
; Stops the timer
LD
(TC1CR), 10000100B
; Sets the timer mode
LD
(TC1CR), 00000111B
; Sets the PPG mode, TFF1 = 0
LD
(TC1CR), 00010111B
; Starts the timer
Q
R
D
PPG pin
Function output
Port output
enable
I/O port output latch
shared with PPG output
Data output
Toggle
Set
Clear
Q
TC1CR<TFF1>
Write to TC1CR
Internal reset
Match to TC1DRB
Match to TC1DRA
TC1CR<TC1S> clear
Timer F/F1
INTTC1 interrupt request


Similar Part No. - TMP86PM74AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86PM72FG TOSHIBA-TMP86PM72FG Datasheet
712Kb / 18P
   CMOS 8-BIT MICROCONTROLLER
More results

Similar Description - TMP86PM74AFG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com