Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VNI4140K Datasheet(PDF) 14 Page - STMicroelectronics

Part No. VNI4140K
Description  Quad high side smart power solid state relay
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

VNI4140K Datasheet(HTML) 14 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Package and PC board thermal data
VNI4140K
14/23
7
Package and PC board thermal data
7.1
VNI4140K thermal data
Figure 9.
VNI4140K PC board
Note:
Layout condition of Rth and Zth measurements (PCB: Double layer, Thermal Vias,
FR4 area = 77 mm x 86 mm, PCB thickness=1.6 mm, Cu thickness = 70 mm (front and back
side), Copper areas: from minimum pad lay-out to 8 cm2).
Figure 10. RthJA vs PCB copper area in open box free air condition (one channel ON)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn