Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38501TS-ADJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38501TS-ADJ
Description  3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38501TS-ADJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP38501TS-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38501TS-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AC Parameters
PSRR
Ripple Rejection
V
IN = 3.0V, IOUT = 3A
f = 120Hz
58
dB
V
IN = 3.0V, IOUT = 3A
f = 1 kHz
56
ρ
n(l/f)
Output Noise Density
f = 120Hz, C
OUT = 10 µF CER
1.0
µV/
Hz
e
n
Output Noise Voltage
BW = 100Hz – 100kHz
C
OUT = 10 µF CER
100
µV (rms)
Thermal Characteristics
T
SD
Thermal Shutdown
T
J rising
170
°C
ΔT
SD
Thermal Shutdown Hysteresis TJ falling from TSD
10
θ
J-A
Thermal Resistance
Junction to Ambient
TO-263, TO-263 THIN(Note 8)
1 sq. in. copper
37
°C/W
θ
J-C
Thermal Resistance
Junction to Case
TO-263, TO-263 THIN
5
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: Operating junction temperature must be evaluated, and derated as needed, based on ambient temperature (T
A), power dissipation (PD), maximum
allowable operating junction temperature (T
J(MAX)), and package thermal resistance (θJA). See Application Information.
Note 4: Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the voltage at the input.
Note 5: Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in the load current at the output.
Note 6: The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the output
voltage tolerance specification.
Note 7: Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. For any output
voltage less than 2.5V, the minimum V
IN operating voltage is the limiting factor.
Note 8: The value of
θ
JA for the TO-263 (TS) package and TO-263 THIN (TJ) package can range from approximately 30 to 60°C/W depending on the amount of
PCB copper dedicated to heat transfer (See Application Information).
5
www.national.com


Similar Part No. - LP38501TS-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TS-ADJ/NOPB TI1-LP38501TS-ADJ/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
More results

Similar Description - LP38501TS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38500-ADJ NSC-LP38500-ADJ Datasheet
343Kb / 16P
   1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
logo
New Japan Radio
NJW4111 NJRC-NJW4111 Datasheet
184Kb / 1P
   5.5V/3A Low Dropout Voltage Regulator
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
   2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Aug 19, 2022
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com