Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP88CM38F Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TMP88CM38F
Description  8-bit single chip microcomputer
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CM38F Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TMP88CM38F Datasheet HTML 36Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 37Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 38Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 39Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 40Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 41Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 42Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 43Page - Toshiba Semiconductor TMP88CM38F Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-40
Note:
Corrective address must be assigned to 1st byte of instruction codes on the
program jump mode.
(2) Data replacement mode
In the data replacement mode, the system replaces reference data stored in the ROM
area with the new instead of correcting the data reference instruction when that
reference data is changed.
The program jump mode reduces the complexity of correcting the processing routine.
However, when this mode is used, if there is a need to replace only the fixed data in
ROM, the instruction to reference this ROM data should be corrected. Thus, a large
amount of ROM is required for the patch program. To avoid this, the system has the
data replacement mode. With this mode, three consecutive bytes of data can be
replaced for each bank. (For an instruction which accesses only one byte, only the first
byte can be replaced. For an instruction which accesses only two bytes, the two
consecutive bytes can be replaced.) Setting ROMCCR CMx (x: 0 to 3) to “1” puts the
system in the data replacement mode. Specify the start address of ROM data to be
replaced as the corrective ROM address. Then, specify the new three-byte data as the
patch data.
Note:
For data replacement mode, the corrective address should be the address of fixed
data (including a vector). (The operation code and operand cannot be changed.)
Example 1: Setting the program correction circuit with the initial routine
Using the initial routine program, which is executed right after reset, set the
program correction circuit's register as follows.
1. Read the flag, which indicates whether to use the program correction circuit, from
the external memory.
2. If that circuit is not used, perform normal initial processing.
3. If it is used, set CMx to “1” to establish the data replacement mode.
4. Read the address of the data to be replaced and the patch data from the external
memory.
5. Set the address and patch data, which were read in step “4.”, in ROMCDR.
6. Repeat steps “4.” and “5.” as many times as there are required banks.
JP 0C086H
DBR
SFR
RAM
00000H
0003FH
00040H
0083FH
00F80H
00FFFH
04000H
FFFFFH
ROM
Bug area
0C020H
0C085H
0C086H
Patch
program
Return
00600H
006EFH
006F0H


Similar Part No. - TMP88CM38F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CM38BFG TOSHIBA-TMP88CM38BFG Datasheet
1Mb / 218P
   CMOS 8-Bit Microcontroller
TMP88CM38BNG TOSHIBA-TMP88CM38BNG Datasheet
1Mb / 218P
   CMOS 8-Bit Microcontroller
More results

Similar Description - TMP88CM38F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com