Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP88CS38 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 11Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 12Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 13Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 14Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 15Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 16Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 17Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 18Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-15
b. Edge-sensitive release mode (RELM
= 0)
In this mode, STOP mode is released by a rising edge of the STOP pin input.
This is used in applications where a relatively short program is executed
repeatedly at periodic intervals. This periodic signal (for example, a clock from a
low-power consumption oscillator) is input to the STOP pin.
In the edge-sensitive release mode, STOP mode is started even when the STOP
pin input is high.
Example: Starting STOP mode from NORMAL mode
LD
(SYSCR1), 10010000B
;
Starts after specified to the edge-sensitive mode
Figure 1.4.10 Edge-sensitive Release Mode
STOP mode is released by the following sequence:
1. When returning to NORMAL, clock oscillator is turned on.
2. A warm-up period is inserted to allow oscillation time to stabilize. During
warm-up, all internal operations remain halted. Two different warm-up times can
be selected with WUT (Bits2 and 3 in SYSCR1) as determined by the resonator
characteristics.
3. When the warm-up time has elapsed, normal operation resumes with the
instruction following the STOP mode start instruction (e.g., [SET (SYSCR1). 7]).
The start is made after the divider of the timing generator is cleared to “0”.
Table 1.4.1 Warm-up Time Example
Warm-up Time [s]
Return to NORMAL mode
WUT
DV1CK
= 0
DV1CK
= 1
00
3
× 216/fc
(12.29 m)
3
× 217/fc
(24.58 m)
01
2
16/fc
(4.10 m)
2
17/fc
(8.20 m)
10
2
14/fc
(1.02 m)
2
15/fc
(2.05 m)
11
Reserved
( - )
Reserved
( - )
Note:
The warm-up time is obtained by dividing the basic clock by the divider: therefore,
the warm-up time may include a certain amount of error if there is any fluctuation of
the oscillation frequency when STOP mode is released. Thus, the warm-up time
must be considered an approximate value.
STOP
pin
NORMAL
operation
STOP mode started
by the program.
XOUT pin
STOP mode is released by the hardware at the rising
edge of STOP pin input.
VIH
Warm up
NORMAL
operation
STOP
operation
STOP
operation


Similar Part No. - TMP88CS38

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CS38BFG TOSHIBA-TMP88CS38BFG Datasheet
1Mb / 218P
   CMOS 8-Bit Microcontroller
TMP88CS38BNG TOSHIBA-TMP88CS38BNG Datasheet
1Mb / 218P
   CMOS 8-Bit Microcontroller
More results

Similar Description - TMP88CS38

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com