Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP88CH41UG Datasheet(PDF) 100 Page - Toshiba Semiconductor

Part # TMP88CH41UG
Description  8 Bit Microcontroller
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CH41UG Datasheet(HTML) 100 Page - Toshiba Semiconductor

Back Button TMP88CH41UG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 101Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 102Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 103Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 104Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 186 page
background image
Page 90
10. 8-Bit TimerCounter 3 (TC3)
10.1 Configuration
TMP88CH41UG
10.3.3 Capture Mode
In the capture mode, the pulse width, frequency and duty cycle of the pulse input to the TC3 pin are mea-
sured with the internal clock. The capture mode is used to decode remote control signals, and identify AC50/60
Hz.
When the falling edge of the TC3 input is detected after the timer starts, the up-counter value is captured into
TC3DRB. Hereafter, whenever the rising edge is detected, the up-counter value is captured into TC3DRA and
the INTTC3 interrupt request is generated. The up-counter is cleared at this time. Generally, read TC3DRB and
TC3DRA during INTTC3 interrupt processing. After the up-counter is cleared, counting is continued and the
next up-counter value is captured into TC3DRB.
When the rising edge is detected immediately after the timer starts, the up-counter value is captured into
TC3DRA only, but not into TC3DRB. The INTTC3 interrupt request is generated. When the read instruction is
executed to TC3DRB at this time, the value at the completion of the last capture (FF immediately after a reset)
is read.
The minimum input pulse width must be larger than one cycle width of the source clock programmed in
TC3CR<TC3CK>.
The INTTC3 interrupt request is generated if the up-counter overflow (FFH) occurs during capture operation
before the edge is detected. TC3DRA is set to FFH and the up-counter is cleared. Counting is continued by the
up-counter, but capture operation and overflow detection are stopped until TC3DRA is read. Generally, read
TC3DRB first because capture operation and overflow detection resume by reading TC3DRA.
Figure 10-5 Capture Mode Timing Chart
Read of TC3DRA
Source
clock
Counter
TC3DRA
TC3 pin input
TC3DRB
INTTC3
interrupt request
i
FE
2
3
1
0
1
k-1
1
Capture
Capture
Capture
Capture
Capture
m
FF (Overflow)
k
n
0
FF
TC3CR<TC3S>
i
i+1
i-1
0
k
m
m+1
m-1
n-1
0
n
2
1
3
Internal waveform
FE
Overflow
Timer start


Similar Part No. - TMP88CH41UG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41NG TOSHIBA-TMP88CH41NG Datasheet
1Mb / 186P
   8 Bit Microcontroller
More results

Similar Description - TMP88CH41UG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com