Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP88CH41UG Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMP88CH41UG
Description  8 Bit Microcontroller
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CH41UG Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP88CH41UG Datasheet HTML 73Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 74Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 75Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 76Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 77Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 78Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 79Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 80Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 186 page
background image
Page 67
TMP88CH41UG
Example :Duty measurement (resolution fc/27 [Hz], CGCR<DV1CK> = “0”)
CLR
(INTTC1SW). 0
; INTTC1 service switch initial setting
Address set to convert INTTC1SW at each INTTC1
LD
(TC1CR), 00000110B
; Sets the TC1 mode and source clock
DI
; IMF
= “0”
SET
(EIRD). 2
; Enables INTTC1
EI
; IMF
= “1”
LD
(TC1CR), 00100110B
; Starts TC1 with an external trigger at MCAP1 = 0
:
PINTTC1:
CPL
(INTTC1SW). 0
; INTTC1 interrupt, inverts and tests INTTC1 service switch
JRS
F, SINTTC1
LD
A, (TC1DRBL)
; Reads TC1DRB (High-level pulse width)
LD
W,(TC1DRBH)
LD
(HPULSE), WA
; Stores high-level pulse width in RAM
RETI
SINTTC1:
LD
A, (TC1DRBL)
; Reads TC1DRB (Cycle)
LD
W,(TC1DRBH)
LD
(WIDTH), WA
; Stores cycle in RAM
:
RETI
; Duty calculation
:
VINTTC1:
DW
PINTTC1
; INTTC1 Interrupt vector
WIDTH
HPULSE
TC1 pin
INTTC1 interrupt request
INTTC1SW


Similar Part No. - TMP88CH41UG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41NG TOSHIBA-TMP88CH41NG Datasheet
1Mb / 186P
   8 Bit Microcontroller
More results

Similar Description - TMP88CH41UG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com