Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP88CH41UG Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TMP88CH41UG
Description  8 Bit Microcontroller
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CH41UG Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TMP88CH41UG Datasheet HTML 49Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 50Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 51Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 52Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 53Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 54Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 55Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 56Page - Toshiba Semiconductor TMP88CH41UG Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 186 page
background image
Page 43
TMP88CH41UG
5.4
Port P4 (P47 to P40)
Port P4 is an 8-bit input/output port shared with serial interface input/output. This port is switched between input
and output modes using the P4 port input/output control register (P4CR). When reset, the P4CR register is initialized
to 0, with the P4 port set for input mode. Also, the output latch (P4DR) is initialized to 0 when reset.
The P4 port contains bitwise programmable open-drain control. The P4 port open-drain control register (P4ODE)
is used to select open-drain or tri-state mode for the port. When reset, the P4ODE register is initialized to 0, with tri-
state mode selected for the port.
Figure 5-5 Port P4
Note 1: Even when open-drain mode is selected, the protective diode remains connected. Therefore, do not apply voltages
exceeding VDD.
Note 2: Read-modify-write (RMW) operation executes at open-drain mode is selected, read out the output latch states.
When any other instruction is executed, external pin states is read out.
Note 3: When using the CTC 16-bit timer (CTC) as an ordinary timer, set P47 (CTC) for output mode.
P4 Port Input/Output Registers
P4DR
(00004H)
7
6
5
432
10
P47
CTC
P46
PPG2
P45
SO
TXD1
P44
SI
RXD1
P43
SCK
P42
PDU1
P41
PDV1
P40
PDW1
(Initial value: 0000 0000)
P4CR
(01F8AH)
7
6
5
432
10
(Initial value: 0000 0000)
P4CR
P4 port input/output control
(Specify bitwise)
0: Input mode
1: Output mode
R/W
P4ODE
(01F84H)
7
6
5
432
10
(Initial value: 0000 0000)
P4ODE
P4 port open-drain control
(Specify bitwise)
0: Tri-state
1: Open drain
R/W
Output latch
P4CRi
Data output
Control input
values
External
input
CR
Control input
Control output
Data input
P4i
Note:i=7 to 0
D
Q
1
0
1 0
0 0
0
1


Similar Part No. - TMP88CH41UG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41NG TOSHIBA-TMP88CH41NG Datasheet
1Mb / 186P
   8 Bit Microcontroller
More results

Similar Description - TMP88CH41UG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com