Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP88CH41NG Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP88CH41NG
Description  8 Bit Microcontroller
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CH41NG Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP88CH41NG Datasheet HTML 13Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 14Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 15Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 16Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 17Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 18Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 19Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CH41NG Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 186 page
background image
Page 7
TMP88CH41NG
2. Functional Description
2.1 Functions of the CPU Core
The CPU core consists mainly of the CPU, system clock control circuit, and interrupt control circuit.
This chapter describes the CPU core, program memory, data memory, and reset circuit of the TMP88CH41NG.
2.1.1 Memory Address Map
The memory of the TMP88CH41NG consists of four blocks: ROM, RAM, SFR (Special Function Regis-
ters), and DBR (Data Buffer Registers), which are mapped into one 1-Mbyte address space. The general-pur-
pose registers consist of 16 banks, which are mapped into the RAM address space. Figure 2-1 shows a memory
address map of the TMP88CH41NG.
Figure 2-1 Memory address map
Vector Table for
Vector Call Instructions
Interrupt Vector Table
Interrupt Vector Table
Program Memory
ROM
(
Kbytes)
RAM
(
bytes)
RAM
(128 bytes)
SFR
ROM: Read-Only Memory
Program memory
Vector Table
SFR: Special Function Registers
Input/output port
Peripheral hardware control register
Peripheral hardware status register
System control register
Interrupt control register
Program status word
DBR: Data Buffer Registers
Input/output port
Peripheral hardware control register
Peripheral hardware status register
RAM: Random Access Memory
Data memory
Stack
General-purpose register bank
Random-Access Memory
Special Function Register
General-purpose Register Bank
(8 registers
× 16 banks)
Data Buffer Register
(peripheral hardware control register / status register)
64 bytes
64 bytes
64 bytes
128 bytes
bytes
bytes
128 bytes
00000H
000C0H
000BFH
04000H
0003FH
00040H
01FFFH
FFFFFH
FFF7FH
FFF80H
FFF40H
FFF00H
FFF3FH
bytes
512
512
16K
16128
DBR
01F80H
07EFFH
002BFH
128


Similar Part No. - TMP88CH41NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
   8 Bit Microcontroller
More results

Similar Description - TMP88CH41NG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com