Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62217AFG Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TB62217AFG
Description  PWM drive Stepping Motor Driver / Brush DC Motor Driver Selectable, DC-DC Converter and Reset function IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62217AFG Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TB62217AFG Datasheet HTML 26Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 27Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 28Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 29Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 30Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 31Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 32Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 33Page - Toshiba Semiconductor TB62217AFG Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
TB62217AFG
2004-11-12
30
Functions of External Input Pins
(1) PHASE Input Pin (PHASE X)
This pin indicates the polarity of the H switch used in driving a DC motor. PWM can be applied by
performing time control (duty control) on this pin.
Pin No.
Name
Function
Logical Level
Setting Phase
L
OUT X: L, OUT X-: H
61
64
62
63
PHASE
SA
SB
SC
SD
Switches phase
H
OUT X: H, OUT X-: L
(2) ENABLE Input Pin (ENABLE X)
This pin indicates whether to supply the power to a DC motor to be driven.
Pin No.
Name
Function
Logical Level
Setting Enable
L
OFF
(All transistors for the H switch are off.)
54
53
50
49
ENABLE
SA
SB
SC
SD
Whether to activate
the output
H
Active
(3) SLEEP Input Pin
When the level of this pin is switched from high to low or low to high, all motor drive registers are cleared
(all bits of the 16-bit latch for selecting a motor drive are cleared to low).
After the IC is shut down in motor ISD operation, changing the SLEEP signal from high to low and to high
again causes the IC to return to normal.
Pin No.
Name
Function
Logical Level
Setting Sleep
L
Power consumption reduction mode and initial
setup mode
1
SLEEP
Power saving mode
H
Motor operation mode
(4) C_SELECT Input Pin
This pin determines which DC-DC converter to run (ON-OFF combinations) when the power is turned on.
Pin No.
Name
Function
Logical Level
Setting Phase
Low
A ch: OFF
B ch: OFF
C ch: OFF
Mid
A ch: ON
B ch: ON
C ch: OFF
48
C_SELECT
DC-DC converter
mode at start
High
A ch: OFF
B ch: ON
C ch: ON
Note: If the C_SELECT pin is on the mid level, channel B is turned on before channel A. If it is high, channel B is
turned on before channel C.


Similar Part No. - TB62217AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62210FNG TOSHIBA-TB62210FNG Datasheet
310Kb / 21P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-12-15
TB62211FNG TOSHIBA-TB62211FNG Datasheet
306Kb / 22P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2013-04-15
TB62212FNG TOSHIBA-TB62212FNG Datasheet
487Kb / 32P
   PWM Chopper Type Dual-Stepping Motor Driver
2014-10-01
TB62212FTAG TOSHIBA-TB62212FTAG Datasheet
829Kb / 32P
   TOSHIBA BiCD Process Integrated Circuit Silicon Monolithic
2014-10-01
TB62213AFG TOSHIBA-TB62213AFG Datasheet
906Kb / 22P
   BiCD Integrated Circuit Silicon Monolithic
2015-03-09
More results

Similar Description - TB62217AFG

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Toshiba Semiconductor
TB62207BF TOSHIBA-TB62207BF Datasheet
690Kb / 54P
   Stepping Motor Driver/DC Motor Driver Select, DC-DC Converter and Reset Driven by Chopper Microstep Pseudo Sine Wave
2005/06/13
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
logo
ON Semiconductor
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
   Low voltage brush DC motor driver
November 2016 Rev 2
logo
Rohm
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
   36V 2ch DC Brush Motor Driver
logo
New Japan Radio
NJM2624A NJRC-NJM2624A Datasheet
134Kb / 8P
   BRUSH LESS DC MOTOR PRE-DRIVER
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com