Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1825 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK1825
Description  N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1825 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK1825 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1825 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1825 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1825 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1825 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK1825
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = 10 V, VDS = 0
1
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 100 μA, VGS = 0
50
V
Drain cut-off current
IDSS
VDS = 50 V, VGS = 0
1
μA
Gate threshold voltage
Vth
VDS = 5 V, ID = 0.1 mA
0.8
2.5
V
Forward transfer admittance
⎪Yfs
VDS = 5 V, ID = 10 mA
20
mS
Drain-source ON resistance
RDS (ON)
ID = 10 mA, VGS = 4.0 V
20
50
Ω
Input capacitance
Ciss
VDS = 5 V, VGS = 0, f = 1 MHz
6.3
pF
Reverse transfer capacitance
Crss
VDS = 5 V, VGS = 0, f = 1 MHz
1.3
pF
Output capacitance
Coss
VDS = 5 V, VGS = 0, f = 1 MHz
5.7
pF
Turn-on time
ton
VDD = 5 V, ID = 10 mA, VGS = 0~4.0 V
0.11
Switching time
Turn-off time
toff
VDD = 5 V, ID = 10 mA, VGS = 0~4.0 V
0.15
μs
Switching Time Test Circuit


Similar Part No. - 2SK1825

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1825 TOSHIBA-2SK1825 Datasheet
198Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
More results

Similar Description - 2SK1825

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2034 TOSHIBA-2SK2034 Datasheet
195Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1K03FU TOSHIBA-HN1K03FU Datasheet
181Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1826 TOSHIBA-2SK1826_07 Datasheet
567Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN4K03JU TOSHIBA-HN4K03JU Datasheet
187Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK2009 TOSHIBA-2SK2009 Datasheet
173Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1827 TOSHIBA-2SK1827_07 Datasheet
537Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1826 TOSHIBA-2SK1826 Datasheet
199Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK2033 TOSHIBA-2SK2033 Datasheet
196Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1829 TOSHIBA-2SK1829_07 Datasheet
533Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1K02FU TOSHIBA-HN1K02FU Datasheet
201Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com