Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9633 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA9633
Description  4-bit Fm I2C-bus LED driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA9633 Datasheet HTML 30Page - NXP Semiconductors PCA9633 Datasheet HTML 31Page - NXP Semiconductors PCA9633 Datasheet HTML 32Page - NXP Semiconductors PCA9633 Datasheet HTML 33Page - NXP Semiconductors PCA9633 Datasheet HTML 34Page - NXP Semiconductors PCA9633 Datasheet HTML 35Page - NXP Semiconductors PCA9633 Datasheet HTML 36Page - NXP Semiconductors PCA9633 Datasheet HTML 37Page - NXP Semiconductors PCA9633 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
34 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
Fig 29. Package outline SOT403-1 (TSSOP16)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.40
0.06
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT403-1
MO-153
99-12-27
03-02-18
w M
b p
D
Z
e
0.25
18
16
9
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
A
max.
1.1
pin 1 index


Similar Part No. - PCA9633

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 NXP-PCA9633 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633BS NXP-PCA9633BS Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633D16 NXP-PCA9633D16 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
More results

Similar Description - PCA9633

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
logo
NXP Semiconductors
PCA9632 NXP-PCA9632 Datasheet
212Kb / 38P
   4-bit Fm I2C-bus low power LED driver
Rev. 03-15 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com