Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GU-C40 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # GU-C40
Description  GATE DRIVER FOR GCT THYRISTOR High Power Inverter Use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

GU-C40 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  GU-C40 Datasheet HTML 1Page - Powerex Power Semiconductors GU-C40 Datasheet HTML 2Page - Powerex Power Semiconductors GU-C40 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aug.1998
MITSUBISHI GATE DRIVER FOR GCT THYRISTOR
GU-C40
High Power Inverter Use
90%
IGM
IGQ
T=1/f
diG/dt
(10%~90%)
IG
tw
tfd
CONTROL
SIGNAL
trd
ton
toff
12
3
4
5
6
7
89
9 pin connector
9 pin connector and cable (VHR-9N)
(NOTE 1) (NOTE 2)
Please twist the plus and
minus power supply cables.
receiver(blue)
optical fiber cable (NOTE 1)
transmitter(NOTE 1)
(HFBR-1522)
not connected
(Normal: on
Fail: off)
GCT Thyristor
Control signal +5V
GATE DRIVER
WAVEFORM
Fig. 1 Connection instruction for the gate driver
CONNECTION INSTRUCTION FOR THE GATE DRIVER
Connection instruction for the gate driver refer to Fig. 1.
OUTLINE DRAWING
Refer to Fig. 2
Installation of GCT Thyristor
GCT Thyristor is put on the gate driver to coincide with the holes
each other and covered by gate attachment at the ring gate of
GCT Thyristor. By screwing at each hole, GCT Thyristor is in-
stalled on the gate driver.
NOTE 1
Please prepare these parts beforehand.
NOTE 2
A cross section of power supply cable is 0.75mm2 or 0.83mm2 and
twist the plus and minus cable.
The power supply cable is shorter than 2m and lower inductance.


Similar Part No. - GU-C40

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
GU-C40 MITSUBISHI-GU-C40 Datasheet
54Kb / 3P
   High Power Inverter Use
More results

Similar Description - GU-C40

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
GCU15BA-130 POWEREX-GCU15BA-130 Datasheet
465Kb / 13P
   GCT THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE
GCU08BA-130 POWEREX-GCU08BA-130 Datasheet
453Kb / 12P
   GCT THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130_09 Datasheet
121Kb / 6P
   GCT (Gate Commutated Turn-off) THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE
GCU08BA-130 MITSUBISHI-GCU08BA-130_09 Datasheet
127Kb / 6P
   GCT (Gate Commutated Turn-off) THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE
GCU15CA-130 MITSUBISHI-GCU15CA-130_09 Datasheet
134Kb / 7P
   GCT (Gate Commutated Turn-off) THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
GCU08AA-130 POWEREX-GCU08AA-130 Datasheet
82Kb / 7P
   GATE COMMUTATED TURN-OFF THYRISTOR UNIT HIGH POWER INVERTER USE
logo
Mitsubishi Electric Sem...
GCU08BA-130 MITSUBISHI-GCU08BA-130 Datasheet
68Kb / 6P
   MITSUBISHI GCT (Gate Commutated Turn-off) THYRISTOR UNIT
GCU15CA-130 MITSUBISHI-GCU15CA-130 Datasheet
79Kb / 7P
   MITSUBISHI GCT (Gate Commutated Turn-off) THYRISTOR UNIT
GU-C40 MITSUBISHI-GU-C40 Datasheet
54Kb / 3P
   High Power Inverter Use
logo
Renesas Technology Corp
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com