Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ304 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ304
Description  DC−DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ304 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ304 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ304 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ304 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ304 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ304 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ304 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ304
2006-11-16
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = −60 V, VGS = 0 V
−100
μA
Drain−source breakdown
voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−60
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −5 A
130
190
Drain−source ON resistance
RDS (ON)
VGS = −10 V, ID = −7 A
80
120
mΩ
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −7 A
5.0
8.0
S
Input capacitance
Ciss
1200
Reverse transfer capacitance
Crss
220
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
550
pF
Rise time
tr
20
Turn−on time
ton
30
Fall time
tf
25
Switching time
Turn−off time
toff
100
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
45
Gate−source charge
Qgs
30
Gate−drain (“miller”) charge
Qgd
VDD ≈ −48 V, VGS = −10 V, ID = −14 A
15
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
−14
A
Pulse drain reverse current
(Note 1)
IDRP
−56
A
Forward voltage (diode)
VDSF
IDR = −14 A, VGS = 0 V
1.7
V
Reverse recovery time
trr
110
ns
Reverse recovery charge
Qrr
IDR = −14 A, VGS = 0 V
dIDR / dt = 50 A / μs
0.18
μC
Marking
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
J304
Part No. (or abbreviation code)


Similar Part No. - 2SJ304

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304 Datasheet
280Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ304 TOSHIBA-2SJ304 Datasheet
393Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Guangdong Kexin Industr...
2SJ3047DS-3 KEXIN-2SJ3047DS-3 Datasheet
193Kb / 4P
   P-Channel Enhancement MOSFET
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304_09 Datasheet
393Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SJ304

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ349 TOSHIBA-2SJ349_09 Datasheet
408Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304_09 Datasheet
393Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ378 TOSHIBA-2SJ378_09 Datasheet
402Kb / 6P
   Relay Drive, DC−DC Converter and Motor Drive Applications
2SK1382 TOSHIBA-2SK1382_09 Datasheet
396Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Applications
2SJ312 TOSHIBA-2SJ312_07 Datasheet
745Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_02 Datasheet
255Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com