Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GCU08AA-130 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part No. GCU08AA-130
Description  GATE COMMUTATED TURN-OFF THYRISTOR UNIT HIGH POWER INVERTER USE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

GCU08AA-130 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Mar. 2001
MITSUBISHI GATE COMMUTATED TURN-OFF THYRISTOR UNIT
GCU08AA-130
HIGH POWER INVERTER USE
PRESS PACK TYPE
Fig. 7 Gate current, gate voltage and control signal waveform
T = 1/f
toff
ton
CONTROL SIGNAL
IGQ
trd
tw
tfd
IG
IGM
diG/dt
(10A ~ 80A)
80A
VG = 0
VG = 0
VRG
50%
GATE CURRENT
GATE VOLTAGE
diGQ/dt
Power supply
(Note 1)
Control signal
(Note 3)
Frequency
Delay time of on gate current
Delay time of off gate current
Critical rate of rise of on gate current
Peak on gate current
Width of on high gate current
On gate current
Critical rate of rise of off gate current
Maximum duty
Temperature
Status signal
(Note 4)
DC power supply
IT = 330A, f = 780Hz
Optical fiber data link
Transmitter : HFBR-1521 (HP)
Receiver : HFBR-2521 (HP)
IT = 330A, Duty 33%
Tj
≥ –10°C
VRG= 20V
Operation temperature (Recommend :
≤ 40°C)
VC
f
tfd
trd
diG/dt
IGM
tW
IG
diGQ/dt
Dmax
Ta
19
2.5
50
3
1.25
–10
V
Hz
µs
µs
A/
µs
A
µs
A
A/
µs
%
°C
GATE DRIVER PART (Type name : GU-D08)
Symbol
Parameter
Conditions
Limits
Min
Typ
Max
Unit
P
Power consumption (Note 2)
20
90
1200
21
35
780
3.0
3.0
100
+60
W
Note 1. (1) Guaranteed power supply voltage for operation is 19V minimum and 21V maximum.
(2) When over voltage occurs, GDU voltage bus (G-K voltage for GCT) is clamped to be 21V if mamimum voltage for input gata voltage from power
supply is 25V and maximum duration of over voltage higher than 21V from power supply is 0.4 sec when control signal is on (Please see Fig. 8).
(3) When over voltage occurs, GDU voltage bus is clamped to be 21V with no time limitation if maximum voltage from power supply is 25V and control
signal is off (Please see Fig. 8).
Note 2. GCT is off state and no gate signal is supplied for gate driver. No leakage current flows between gate and cathode of GCT.
Note 3. Optic fiber data link HFBR-1521 and HFBR-2521 are interlocked each other.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GU-C40GATE DRIVER FOR GCT THYRISTOR High Power Inverter Use 1 2 3 Powerex Power Semiconductors
GCU08BA-130GCT THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 MorePowerex Power Semiconductors
GCU15BA-130GCT THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 MorePowerex Power Semiconductors
FGC4000BX-90DSHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
FGC1500A-130DSHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Powerex Power Semiconductors
FT1500AU-240HIGH VOLTAGE HIGH POWER GENERAL USE DYNAMIC GATE PRESS PACK TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
FGR3000CV-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
FGC3500AX-120DSHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 Powerex Power Semiconductors
FGR3000FX-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
FGC6000AX-120DSHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn