Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1E100KC Datasheet(PDF) 8 Page - DB Lectro Inc

Part # CN1E100KC
Description  CHIP TYPE, NON-POLARIZED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CN1E100KC Datasheet(HTML) 8 Page - DB Lectro Inc

Back Button CN1E100KC Datasheet HTML 4Page - DB Lectro Inc CN1E100KC Datasheet HTML 5Page - DB Lectro Inc CN1E100KC Datasheet HTML 6Page - DB Lectro Inc CN1E100KC Datasheet HTML 7Page - DB Lectro Inc CN1E100KC Datasheet HTML 8Page - DB Lectro Inc CN1E100KC Datasheet HTML 9Page - DB Lectro Inc CN1E100KC Datasheet HTML 10Page - DB Lectro Inc CN1E100KC Datasheet HTML 11Page - DB Lectro Inc CN1E100KC Datasheet HTML 12Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Do not locate any circuit pattern beneath the capacitor end seal.
11) Do not design a circuit board so that heat generating components are placed near an aluminum
electrolytic capacitor or reserve side of PC board (under the capacitor).
12) Please refer to the pad size layout recommendations in our catalogue when designing in surface
mount capacitors.
13) Electrical characteristics may vary depending on changes in temperature and frequency. Please
consider the variation when you design circuits.
14) When you install more than 2 capacitors in parallel, consider the balance of current following in to the
capacitor.
2. Mounting
1) Once a capacitor has been assembled in the set and power applied, do not attempt to re-use the
capacitor in other circuits or application.
2) Electric potential between positive and negative terminal may exist as a result of returned
electromotive force, so please discharge the capacitor using 1K resistor.
3) Leakage current of the parts that have stored for long period may increase. When leakage current
has increased, please perform a voltage treatment using a 1K resistor.
4) Please confirm rating and polarity before installing capacitor on the PC board.
5) Be careful not to deform the capacitor during installation.
6) Please confirm that the lead spacing of the capacitor matches the pad spacing of the PC board prior
to installation.
7) Please pay attention to the mechanical shock to the capacitor by suction nozzle of the automatic
insertion machine or automatic mounted, or by product checker, or by centering mechanism.
8) Reflow soldering: Please see "Lead Free Reflow Soldering Condition" for chip type aluminum
9) Do not tilt, lay down or twist the capacitor body after the capacitors are soldered to the PC board.
10) Do not carry the PC board by grasping the soldered capacitor.
11) Please do not allow anytime to touch the capacitor after soldering. If PC board are stored in stack,
please make sure PC board or the other components do not touch the capacitor. The capacitor shall
not be effected by any radiated heat from the soldered PC board or other components after
soldering.
12) Cleaning
Do not clean capacitors with halogenated cleaning agent. However, if it is necessary to clean with
halogenated cleaning agent, please contact our sales office.
Recommended cleaning method:
Applicable
: Any type, any ratings
10) The main chemical solution of the electrolyte and the separator paper in the capacitor are
combustible. The electrolyte is conductive. When it comes in contact with the PC board, there is a
possibility of pattern or short circuit between the circuit pattern, which could result in smoking or fire.
Cleaning agents : Pine Alpha ST-100S, cleaning through 750H/750L/710M, Sanelek B-12, Aqua
Cleaner 210SEP, Techno Care FRW14~17, Isopropyl Alcohol.
electrolytic capacitors (page 8).
9) When designing a circuit board, please pay attention to the following:
Make the pad spacing on the PC board matching with the lead space of the capacitor.
There should not be any circuit pattern or circuit wire above the capacitor safety vent.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CN1E100KC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1E2 KOA-CN1E2 Datasheet
399Kb / 2P
   concave termination with square corners resistor array
CN1E2KRTTD103J KOA-CN1E2KRTTD103J Datasheet
306Kb / 2P
   anti sulfuration chip networks (convex termination)
CN1E2KTTD KOA-CN1E2KTTD Datasheet
133Kb / 4P
   Flat Chip Resistor Array
CN1E2KTTD101F KOA-CN1E2KTTD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1E2KTTD101F KOA-CN1E2KTTD101F Datasheet
257Kb / 2P
   convex termination with square corners resistor array
More results

Similar Description - CN1E100KC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Assmann Electronics Inc...
AK500-U-3-R ASSMANN-AK500-U-3-R Datasheet
96Kb / 1P
   Power cord - SPT2 Non-Polarized
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
CW Industries
GRS-2011-3020 CWIND-GRS-2011-3020 Datasheet
24Kb / 1P
   ASSEMBLY DWG, S.P.S.T. ROCKER NON-POLARIZED 1.072 x .480 PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com