Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HU1A100KC Datasheet(PDF) 4 Page - DB Lectro Inc

Part # HU1A100KC
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU1A100KC Datasheet(HTML) 4 Page - DB Lectro Inc

  HU1A100KC Datasheet HTML 1Page - DB Lectro Inc HU1A100KC Datasheet HTML 2Page - DB Lectro Inc HU1A100KC Datasheet HTML 3Page - DB Lectro Inc HU1A100KC Datasheet HTML 4Page - DB Lectro Inc HU1A100KC Datasheet HTML 5Page - DB Lectro Inc HU1A100KC Datasheet HTML 6Page - DB Lectro Inc HU1A100KC Datasheet HTML 7Page - DB Lectro Inc HU1A100KC Datasheet HTML 8Page - DB Lectro Inc HU1A100KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CORRESPONDING TO RoHS DIRECTIVE
Aluminum electrolytic
capacitors
Chip type
Radial lead type
Snap-in type
RoHS compliant
Yes
Yes
Yes
RoHS
restricted
substances
Most concerns
on terminals
Plating on
terminals
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Change plating from Sn-Pb to
Sn
Construction of
terminals
Fe/Cu/Sn
Fe/Cu/Sn
Fe/Cu/Sn
Plating
characters
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 12 m
Plating type matte
No heat treatment after plating
Plating thickness 10 m
Plating type matte
No heat treatment after plating
Insulating
sleeve
No used
Replace PVC with PET
(where customer designated)
Replace PVC with PET
(where customer designated)
Resistance to
soldering heat
Please see "Lead Free Reflow
Soldering Condition" for chip
type aluminum electrolytic
capacitors
No change
No change
Solderability
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Tensile strength
No difference with Sn-Pb
No difference with Sn-Pb
No difference with Sn-Pb
Pb
Whisker
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
No difference with Sn-Pb
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Whisker is not observed
Room storage test: 20~25 C,
30~80%RH, 4000hrs.
Aging test: 60 5 C, 93
+2/-3%RH, 4000hrs.
Thermal cycle test: -55
+0/-10 C to 85 +10/-0 C, 3
cycles/hour, 1000 cycles
Cr
6+
Plating material
< 2ppm
< 2ppm
< 2ppm
Hg
< 2ppm
< 2ppm
< 2ppm
Cd
< 2ppm
< 2ppm
< 2ppm
PBB
Not detected
Not detected
Not detected
PBDE
Not detected
Not detected
Not detected
Identification for RoHS
compliance products
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
Add "Pb free" or "RoHS"
marking on inner and outer
carton label (where customer
designated)
MSL Level
(IPC/JEDEC J-STD-020C)
Not available
No need for dry package
Not available
No need for dry package
Not available
No need for dry package
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HU1A100KC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HU10 ETC-HU10 Datasheet
258Kb / 2P
   HUMIDITY SENSORS
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU10005 MICROSEMI-HU10005 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
HU10010 MICROSEMI-HU10010 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
HU10015 MICROSEMI-HU10015 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
More results

Similar Description - HU1A100KC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R2A152K080AA TDK-CGJ3E2X7R2A152K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A472K080AA TDK-CGJ3E2X7R2A472K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D151J080AA TDK-CGJ3E3C0G2D151J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D471J080AA TDK-CGJ3E3C0G2D471J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A103K080AA TDK-CGJ3E2X7R2A103K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A222K080AA TDK-CGJ3E2X7R2A222K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D121J080AA TDK-CGJ3E3C0G2D121J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D181J080AA TDK-CGJ3E3C0G2D181J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D331J080AA TDK-CGJ3E3C0G2D331J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D681J080AA TDK-CGJ3E3C0G2D681J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com