Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KZ2D471LT Datasheet(PDF) 8 Page - DB Lectro Inc

Part # KZ2D471LT
Description  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2D471LT Datasheet(HTML) 8 Page - DB Lectro Inc

Back Button KZ2D471LT Datasheet HTML 4Page - DB Lectro Inc KZ2D471LT Datasheet HTML 5Page - DB Lectro Inc KZ2D471LT Datasheet HTML 6Page - DB Lectro Inc KZ2D471LT Datasheet HTML 7Page - DB Lectro Inc KZ2D471LT Datasheet HTML 8Page - DB Lectro Inc KZ2D471LT Datasheet HTML 9Page - DB Lectro Inc KZ2D471LT Datasheet HTML 10Page - DB Lectro Inc KZ2D471LT Datasheet HTML 11Page - DB Lectro Inc KZ2D471LT Datasheet HTML 12Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Do not locate any circuit pattern beneath the capacitor end seal.
11) Do not design a circuit board so that heat generating components are placed near an aluminum
electrolytic capacitor or reserve side of PC board (under the capacitor).
12) Please refer to the pad size layout recommendations in our catalogue when designing in surface
mount capacitors.
13) Electrical characteristics may vary depending on changes in temperature and frequency. Please
consider the variation when you design circuits.
14) When you install more than 2 capacitors in parallel, consider the balance of current following in to the
capacitor.
2. Mounting
1) Once a capacitor has been assembled in the set and power applied, do not attempt to re-use the
capacitor in other circuits or application.
2) Electric potential between positive and negative terminal may exist as a result of returned
electromotive force, so please discharge the capacitor using 1K resistor.
3) Leakage current of the parts that have stored for long period may increase. When leakage current
has increased, please perform a voltage treatment using a 1K resistor.
4) Please confirm rating and polarity before installing capacitor on the PC board.
5) Be careful not to deform the capacitor during installation.
6) Please confirm that the lead spacing of the capacitor matches the pad spacing of the PC board prior
to installation.
7) Please pay attention to the mechanical shock to the capacitor by suction nozzle of the automatic
insertion machine or automatic mounted, or by product checker, or by centering mechanism.
8) Reflow soldering: Please see "Lead Free Reflow Soldering Condition" for chip type aluminum
9) Do not tilt, lay down or twist the capacitor body after the capacitors are soldered to the PC board.
10) Do not carry the PC board by grasping the soldered capacitor.
11) Please do not allow anytime to touch the capacitor after soldering. If PC board are stored in stack,
please make sure PC board or the other components do not touch the capacitor. The capacitor shall
not be effected by any radiated heat from the soldered PC board or other components after
soldering.
12) Cleaning
Do not clean capacitors with halogenated cleaning agent. However, if it is necessary to clean with
halogenated cleaning agent, please contact our sales office.
Recommended cleaning method:
Applicable
: Any type, any ratings
10) The main chemical solution of the electrolyte and the separator paper in the capacitor are
combustible. The electrolyte is conductive. When it comes in contact with the PC board, there is a
possibility of pattern or short circuit between the circuit pattern, which could result in smoking or fire.
Cleaning agents : Pine Alpha ST-100S, cleaning through 750H/750L/710M, Sanelek B-12, Aqua
Cleaner 210SEP, Techno Care FRW14~17, Isopropyl Alcohol.
electrolytic capacitors (page 8).
9) When designing a circuit board, please pay attention to the following:
Make the pad spacing on the PC board matching with the lead space of the capacitor.
There should not be any circuit pattern or circuit wire above the capacitor safety vent.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KZ2D471LT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Similar Description - KZ2D471LT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com