Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KZ2D471LT Datasheet(PDF) 6 Page - DB Lectro Inc

Part # KZ2D471LT
Description  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2D471LT Datasheet(HTML) 6 Page - DB Lectro Inc

Back Button KZ2D471LT Datasheet HTML 2Page - DB Lectro Inc KZ2D471LT Datasheet HTML 3Page - DB Lectro Inc KZ2D471LT Datasheet HTML 4Page - DB Lectro Inc KZ2D471LT Datasheet HTML 5Page - DB Lectro Inc KZ2D471LT Datasheet HTML 6Page - DB Lectro Inc KZ2D471LT Datasheet HTML 7Page - DB Lectro Inc KZ2D471LT Datasheet HTML 8Page - DB Lectro Inc KZ2D471LT Datasheet HTML 9Page - DB Lectro Inc KZ2D471LT Datasheet HTML 10Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SERIES CHART
Chip Type Aluminum Electrolytic Capacitors
CN
85 C
Non-polarized
KP
105 C
Non-polarized
CS
85 C
Standard
CK
105 C Wide
temperature
EL
105 C Long
life assurance
KH
125 C High
reliability
KL
105 C 5000
hours load life
LZ
105 C Low
impedance
KZ
105 C Extra
lower
impedance
Wide
temperature
Non-polarized
Wide temperature
Low impedance
Extra Low impedance
Extra longer life
Longer life
Higher
reliability
FZ
105 C Long life
with extra lower
impedance
Longer life
HU
Mid-to-high
voltage
Higher
Voltage
Low leakage
current
SC
8
5 C Low
leakage current
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KZ2D471LT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Similar Description - KZ2D471LT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com