Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162374ATPV Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT162374ATPV
Description  FAST CMOS 16-BIT REGISTER (3-STATE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162374ATPV Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT162374ATPV Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162374ATPV Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162374ATPV Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162374ATPV Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162374ATPV Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162374ATPV Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162374ATPV Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162374ATPV Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5.8
4
IDT54/74FCT16374T/AT/CT/ET, 162374T/AT/CT/ET
FAST CMOS 16-BIT REGISTER (3-STATE)
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 5.0V ± 10%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
2542 lnk 07
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. Duration of the condition can not exceed one second.
5. The test limit for this parameter is
± 5µA at TA = –55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
60
115
200
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
–60
–115
–200
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –16mA MIL.
IOH = –24mA COM'L.
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 16mA MIL.
IOL = 24mA COM'L.
0.3
0.55
V
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current (Input pins)(5)
VCC = Max.
VI = VCC
±1
µA
Input HIGH Current (I/O pins)(5)
±1
II L
Input LOW Current (Input pins)(5)
VI = GND
±1
Input LOW Current (I/O pins)(5)
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
±1
µA
IOZL
(3-State Output pins)(5)
VO = 0.5V
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
0.7
1.2
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–80
140
250
mA
VH
Input Hysteresis
100
mV
ICCL
ICCH
ICCZ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
5
500
µA
2542 lnk 05
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IO
Output Drive Current
VCC = Max., VO = 2.5V(3)
–50
—–
180
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3mA
2.5
3.5
V
VIN = VIH or VIL
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.4
3.5
V
IOH = –24mA MIL.
IOH = –32mA COM'L.(4)
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 48mA MIL.
IOL = 64mA COM'L.
0.2
0.55
V
IOFF
Input/Output Power Off Leakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
OUTPUT DRIVE CHARACTERISTICS FOR FCT16374T
OUTPUT DRIVE CHARACTERISTICS FOR FCT162374T
2542 lnk 06


Similar Part No. - IDT74FCT162374ATPV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162374ATPV IDT-IDT74FCT162374ATPV Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ATPVG IDT-IDT74FCT162374ATPVG Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
More results

Similar Description - IDT74FCT162374ATPV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com