Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
2SC5084 Datasheet(PDF) 6 Page - Toshiba Semiconductor
Part No.
2SC5084
Description
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
Download
7 Pages
Scroll/Zoom
100%
Maker
TOSHIBA [Toshiba Semiconductor]
Homepage
http://www.semicon.toshiba.co.jp/eng
Logo
2SC5084 Datasheet(HTML) 6 Page - Toshiba Semiconductor
zoom in
zoom out
6
/ 7 page
2SC5084
2007-11-01
6
Html Pages
1
2
3
4
5
6
7
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
2SC5064_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
4
5
More
Toshiba Semiconductor
2SC5065_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
4
5
More
Toshiba Semiconductor
2SC5066_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
4
5
More
Toshiba Semiconductor
2SC5066FT_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
Toshiba Semiconductor
2SC2879A
SILICON
NPN
EPITAXIAL
PLANAR
TYPE
2~30MHz
SSB
LINEAR
POWER
AMPLIFIER
APPLICATIONS
LOW
SUPPLY
VOLTAGE
USE
1
2
3
4
Toshiba Semiconductor
2SC3324_07
Silicon
NPN
Epitaxial
Type
PCT
process
Audio
Frequency
Low
Noise
Amplifier
Applications
1
2
3
4
5
Toshiba Semiconductor
2SC4118_07
Silicon
NPN
Epitaxial
Type
PCT
process
Audio
Frequency
Low
Power
Amplifier
Applications
1
2
3
4
Toshiba Semiconductor
2SC3807C
NPN
Epitaxial
Planar
Silicon
Transistor
25V
/
2A
High-hFE
Low
Frequency
General-Purpose
Amplifier
Applications
1
2
3
4
Sanyo Semicon Device
2SC4215_07
Silicon
NPN
Epitaxial
Planar
Type
High
Frequency
Amplifier
Applications
1
2
3
4
5
Toshiba Semiconductor
2SC4253_07
Silicon
NPN
Epitaxial
Planar
Type
TV
Final
Picture
IF
Amplifier
Applications
1
2
3
4
Toshiba Semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn