Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1411 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SB1411
Description  Silicon PNP Triple Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB1411 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SB1411 Datasheet HTML 1Page - Toshiba Semiconductor 2SB1411 Datasheet HTML 2Page - Toshiba Semiconductor 2SB1411 Datasheet HTML 3Page - Toshiba Semiconductor 2SB1411 Datasheet HTML 4Page - Toshiba Semiconductor 2SB1411 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB1411
2006-11-21
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −100 V, IE = 0
−100
μA
Emitter cut-off current
IEBO
VEB = −6 V, IC = 0
−2.5
mA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −30 mA, IB = 0
−100
V
hFE (1)
VCE = −3 V, IC = −1 A
1500
15000
DC current gain
hFE (2)
VCE = −3 V, IC = −2 A
1000
VCE (sat) (1) IC = −1 A, IB = −2 mA
−1.5
Collector-emitter saturation voltage
VCE (sat) (2) IC = −2 A, IB = −8 mA
−2.5
V
Base-emitter saturation voltage
VBE (sat)
IC = −1 A, IB = −2 mA
−2.2
V
Turn-on time
ton
1.0
Storage time
tstg
3.0
Switching time
Fall time
tf
−IB1 = IB2 = 2 mA, duty cycle ≤ 1%
2.0
μs
Marking
20 μs
VCC ≈ −30 V
Output
IB1
IB2
Input
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
B1411
Part No. (or abbreviation code)


Similar Part No. - 2SB1411

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
   TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
logo
Savantic, Inc.
2SB1411 SAVANTIC-2SB1411 Datasheet
217Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1411 ISC-2SB1411 Datasheet
242Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
2SB1411 SAVANTIC-2SB1411 Datasheet
219Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1411 NJSEMI-2SB1411 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1411

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1375 TOSHIBA-2SB1375_06 Datasheet
142Kb / 5P
   Silicon PNP Triple Diffused Type
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
   Silicon PNP Triple Diffused Type
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SA1971 KEXIN-2SA1971 Datasheet
54Kb / 1P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421 Datasheet
847Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
BF423 KEC-BF423 Datasheet
53Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com