Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC3405 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. 2SC3405
Description  Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3405 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC3405_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3405_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3405_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3405_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3405_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3405
2006-11-09
4
Safe Operating Area
Pulse width tw (s)
rth – tw
Collector-emitter voltage VCE (V)
Curves should be applied in thermal limited area. (single
nonrepetitive pulse)
(1) Infinite heat sink
(2) No heat sink
0.1
0.001
100
0.01
0.1
1
10
100
1000
10
1
(1)
(2)
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly with
increase in temperature.
3
0.005
3
1
0.3
0.1
0.05
0.03
10
30
300
100
1000
0.5
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 μs*
100 μs*
DC operation
Tc = 25°C
100 ms*
10 ms*
3 ms*
0.01


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn