Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R9533 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R9533
Description  FLAME SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R9533 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R9533 Datasheet HTML 1Page - Hamamatsu Corporation R9533 Datasheet HTML 2Page - Hamamatsu Corporation R9533 Datasheet HTML 3Page - Hamamatsu Corporation R9533 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2: Spectral Response
TPT B0035EA
E678-9C
E678-8F
R244
R259
R1753-01
R2868
R9454
R9533
Type No.
Socket
(Sold Separately)
(Fig. 3)
0.3
0.3
0.3
0.3
0.3
0.3
(mA)
1
1
2
2
2
1
(ms)
10000
10000
10000
10000
10000
10000
Service Life
Typ.
(hours)
F
E
C
5
5
5
10
10
10
Background
Min.
Supply
Voltage
(min-1)
D
600
600
10000
5000
4000
10000
Sensitivity
Typ.
(min-1)
330
220
185
240
300
230
(V dc)
440
260
260
280
360
280
Discharge
Starting Voltage
Max.
Discharge
Sustaining Voltage
Typ.
Average
Discharge
Current
Quenching
Time
Min.
(V dc)
500
±50
325
±25
325
±25
325
±25
400
±25
350
±25
E678-9C
E678-9C
R259-01
R1868
R2121
0.5
2
2
1
2
2
10000
10000
10000
10
10
10
200
1500
1500
200
170
310
260
240
(170G)
440
(310G)
325
±25
310
±30
(220
±20G)
500
±50
(350
±35G)
(V dc)
Recommended Operating Parameters
Characteristics (at 25
°C)
4R9454
5R9533
6R1868, R2121
TPT A0036EB
TPT A0035EA
TPT A0040EA
160
0.1
1
10
100
180
200
220
240
WAVELENGTH (nm)
260
280
300
320
B
A
C
9.0
± 0.5
8
± 1
12 MAX.
SIDE VIEW
A'
A
CATHODE 5
× 10
UV GLASS BULB
ANODE
CATHODE LEAD
ANODE LEAD
CATHODE
ANODE
TOP VIEW
A – A'
CATHODE
ANODE
LEAD:
0.65
± 0.05
TOP VIEW
SIDE VIEW
BOTTOM VIEW
4.15 MAX.
13.5
± 1.0
14-25.71
°
CATHODE
ANODE
8- 0.70
± 0.05
ANODE
CATHODE
3
1
6
8
CATHODE
CATHODE
ANODE
ANODE
72
°
15
MAX.
20.2 MAX.
HARD PIN
1
4 PIN BASE
JEDEC No. E9-37
11.9
ANODE MARK (RED)
45 °
Figure 3: Sockets (Unit: mm)
TACCA0289EA
TACCA0283EA
E678-8F
E678-9C
10
28.6
35
2- 3.2
24
18
2- 2.2
13
11


Similar Part No. - R9533

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R9533 HAMAMATSU-R9533 Datasheet
268Kb / 4P
   FLAME SENSOR UV TRON
More results

Similar Description - R9533

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R9454 HAMAMATSU-R9454_15 Datasheet
293Kb / 4P
   FLAME SENSOR UVTRON
R2868 HAMAMATSU-R2868_15 Datasheet
176Kb / 2P
   FLAME SENSOR UVTRON
R2868 HAMAMATSU-R2868 Datasheet
143Kb / 2P
   FLAME SENSOR UV TRON
R9454 HAMAMATSU-R9454 Datasheet
268Kb / 4P
   FLAME SENSOR UV TRON
logo
Broadcom Corporation.
AFBR-S6PY3200 BOARDCOM-AFBR-S6PY3200 Datasheet
502Kb / 3P
   Thin Film Pyroelectric Flame Sensor
logo
Laird Tech Smart Techno...
CMS69273 LSTD-CMS69273 Datasheet
1Mb / 2P
   Excellent flame rating
logo
List of Unclassifed Man...
RSF ETC1-RSF Datasheet
46Kb / 2P
   FLAME-PROOF TYPE
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
   FLAME RETARDANT ABS
logo
Ohmite Mfg. Co.
RES-MX OHMITE-RES-MX Datasheet
140Kb / 1P
   Flame retardant silicone
logo
EPCOS
B82422T1224K EPCOS-B82422T1224K Datasheet
486Kb / 9P
   Flame-retardant molding
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com