Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX50KMJ-03 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # FX50KMJ-03
Description  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX50KMJ-03 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  FX50KMJ-03 Datasheet HTML 1Page - Powerex Power Semiconductors FX50KMJ-03 Datasheet HTML 2Page - Powerex Power Semiconductors FX50KMJ-03 Datasheet HTML 3Page - Powerex Power Semiconductors FX50KMJ-03 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
–100
–101
–2 –3
–5 –7
–102
–2 –3
–5 –7
101
2
3
4
5
7
102
2
3
4
5
7
100
TC = 25°C
75°C 125°C
VDS = –10V
Pulse Test
–100
–5 –7
–2 –3
–101
–5 –7
–2 –3
–5
101
102
2
3
5
4
4
7
103
2
3
5
7
td(off)
td(on)
tr
Tch = 25°C
VGS = –10V
VDD = –15V
RGEN = RGS = 50
tf
0
–20
–40
–60
–80
–100
0
–2–4–6–8
–10
Tc = 25°C
VDS = –10V
Pulse Test
–100
–101
–2 –3
–5 –7
–2 –3
–3
–5 –7
102
103
2
3
4
5
7
104
2
3
4
5
7
Ciss
Coss
Crss
Tch = 25°C
f = 1MHZ
VGS = 0V
0
–2
–4
–6
–8
–10
0
–2–4–6–8
–10
ID = –100A
–25A
–50A
Tc = 25°C
Pulse Test
0
20
40
60
80
100
–100
–101
–2 –3
–5 –7
–102
–2 –3
–5 –7
–10V
VGS = –4V
Tc = 25°C
Pulse Test
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
MITSUBISHI Pch POWER MOSFET
FX50KMJ-03
HIGH-SPEED SWITCHING USE


Similar Part No. - FX50KMJ-03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX50KMJ-03 MITSUBISHI-FX50KMJ-03 Datasheet
50Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FX50KMJ-03 RENESAS-FX50KMJ-03 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50KMJ-03-A8 RENESAS-FX50KMJ-03-A8 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX50KMJ-03

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FX30KMJ-2 POWEREX-FX30KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-3 POWEREX-FX30KMJ-3 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50SMJ-2 POWEREX-FX50SMJ-2 Datasheet
63Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX6KMJ-2 POWEREX-FX6KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX3ASJ-3 POWEREX-FX3ASJ-3 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-06 POWEREX-FX50KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30ASJ-03 POWEREX-FX30ASJ-03 Datasheet
49Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-06 POWEREX-FX30KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-2 POWEREX-FX50KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com