Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX30KMJ-2 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # FX30KMJ-2
Description  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX30KMJ-2 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  FX30KMJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FX30KMJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FX30KMJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FX30KMJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
V
µA
mA
V
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
–100
–1.0
–1.5
0.113
0.135
–1.65
20
4450
330
170
16
54
270
129
–1.0
100
±0.1
–0.1
–2.0
0.143
0.176
–2.15
–1.5
4.17
ELECTRICAL CHARACTERISTICS (Tch = 25°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES
ID = –1mA, VGS = 0V
VGS = ±20V, VDS = 0V
VDS = –100V, VGS = 0V
ID = –1mA, VDS = –10V
ID = –15A, VGS = –10V
ID = –15A, VGS = –4V
ID = –15A, VGS = –10V
ID = –15A, VDS = –10V
VDS = –10V, VGS = 0V, f = 1MHz
VDD = –50V, ID = –15A, VGS = –10V, RGEN = RGS = 50
IS = –15A, VGS = 0V
Channel to case
IS = –30A, dis/dt = 100A/
µs
0
10
20
30
40
50
0
200
50
100
150
–101
–2
–3
–5
–7
–100
–2
–3
–5
–7
–102
–2
–3
–5
–7
–2
–2
–100
–3 –5–7
–2
–101
–3 –5–7
–2
–2
–102
–3 –5–7
tw =
10
µs
TC = 25°C
Single Pulse
100
µs
10ms
100ms
1ms
DC
0
–10
–20
–30
–40
–50
0
–4
–8
–12
–16
–20
PD = 30W
VGS =
–10V
Tc = 25°C
Pulse Test
–8V
–6V
–5V
–3V
–4V
0
–4
–8
–12
–16
–20
0
–2–4–6–8
–10
–4V
–6V
–3V
PD = 30W
–2.5V
VGS =
–10V
Tc = 25°C
Pulse Test
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
MITSUBISHI Pch POWER MOSFET
FX30KMJ-2
HIGH-SPEED SWITCHING USE


Similar Part No. - FX30KMJ-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX30KMJ-2 MITSUBISHI-FX30KMJ-2 Datasheet
50Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2-A8 RENESAS-FX30KMJ-2-A8 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX30KMJ-2

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FX50KMJ-03 POWEREX-FX50KMJ-03 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-3 POWEREX-FX30KMJ-3 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50SMJ-2 POWEREX-FX50SMJ-2 Datasheet
63Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX6KMJ-2 POWEREX-FX6KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX3ASJ-3 POWEREX-FX3ASJ-3 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-06 POWEREX-FX50KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30ASJ-03 POWEREX-FX30ASJ-03 Datasheet
49Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-06 POWEREX-FX30KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-2 POWEREX-FX50KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com