Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVF4-6CZ100ADC12VNDR Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NVF4-6CZ100ADC12VNDR
Description  Contact load capacity up to 150A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF4-6CZ100ADC12VNDR Datasheet(HTML) 1 Page - DB Lectro Inc

  NVF4-6CZ100ADC12VNDR Datasheet HTML 1Page - DB Lectro Inc NVF4-6CZ100ADC12VNDR Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - NVF4-6CZ100ADC12VNDR

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVF4-6C HUAXINAN-NVF4-6C Datasheet
425Kb / 1P
   Terminal types as inserting.
More results

Similar Description - NVF4-6CZ100ADC12VNDR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
   Load capacity of up to 15A
logo
HuaXinAn Electronics CO...
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
   Heavy contact load switching current up to 30A
NV2312C HUAXINAN-NV2312C Datasheet
423Kb / 1P
   Heavy contact load switching current up to 30A.
NV23K-A HUAXINAN-NV23K-A Datasheet
375Kb / 1P
   Heavy contact load switching current up to 30A.
NV2312A HUAXINAN-NV2312A Datasheet
423Kb / 1P
   Heavy contact load switching current up to 30A.
logo
List of Unclassifed Man...
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
   Miniature Type, Heavy contact load up to 4000VA
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com