Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9737 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9737
Description  CCD area image sensor 10241024 pixels, front-illuminated FFT-CCDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9737 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9737 Datasheet HTML 1Page - Hamamatsu Corporation S9737 Datasheet HTML 2Page - Hamamatsu Corporation S9737 Datasheet HTML 3Page - Hamamatsu Corporation S9737 Datasheet HTML 4Page - Hamamatsu Corporation S9737 Datasheet HTML 5Page - Hamamatsu Corporation S9737 Datasheet HTML 6Page - Hamamatsu Corporation S9737 Datasheet HTML 7Page - Hamamatsu Corporation S9737 Datasheet HTML 8Page - Hamamatsu Corporation S9737 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IMAGE
SENSOR
CCD area image sensor
1024 × 1024 pixels, front-illuminated FFT-CCDs
S9737 series
S9737 series is a family of FFT-CCD area image sensors specifically designed for low-light-level detection in scientific applications. S9737 series
also features low noise and low dark current (MPP mode operation). These enable low-light-level detection and long integration time, thus
achieving a wide dynamic range.
Three different packages (ceramic DIP, metal, plate type) are provided. Metal package type (S9737-02) has a four-stage TE-cooled element built
into the same package for thermoelectric cooling. At room temperature operation, the device can be cooled down to -70 ˚C with using forced air
cooling. In addition, since both the CCD chip and TE-cooled element are hermetically sealed, no dry air is required, thus allowing easy handling.
Features
l 1024 (H) × 1024 (V) pixel format
l Pixel size: 12 × 12 µm
l 100 % fill factor
l Wide dynamic range
l Low dark current
l Low readout noise
l MPP operation
l 3 types of packages are available
Applications
l Astronomy
l Scientific measuring instrument
l Fluorescence spectrometer
l Raman spectrophotometer
l Optical and spectrophotometric analyzer
l For low-light-level detection requiring
s General ratings
Parameter
S9737-01
S9737-02
S9737-03
CCD structure
Full frame transfer
Fill factor
100 %
Number of active pixels
1024 (H) × 1024 (V)
Pixel size
12 (H) × 12 (V) µm
Active area
12.288 (H) × 12.288 (V) mm
Vertical clock phase
2 phase
Horizontal clock phase
2 phase
Output circuit
One-stage MOSFET source follower
Cooling
Non-cooled
Four-stage TE-cooled
Non-cooled
Package
24-pin ceramic DIP
28-pin metal package
Plate type
Window
None (covered with tape)
AR coated Sapphire
None
1


Similar Part No. - S9737

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
More results

Similar Description - S9737

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
Hamamatsu Corporation
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com