Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9702 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9702
Description  Si photodiode RGB color sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9702 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9702 Datasheet HTML 1Page - Hamamatsu Corporation S9702 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
PHOTODIODE
Si photodiode
RGB color sensor
S9702
S9702 is a color sensor molded into a plastic package having a 3-channel (RGB) photodiode sensitive to the blue (
λp=460 nm), green
(
λp=540 nm) and red (λp=620 nm) regions of the spectrum. S9702 has a 3-segment (RGB) active area of o1 mm. When compared to the
previous model (S9032-02), S9702 is significantly miniaturized (package size 55 % less in cubic volume, PC board mount space 43 % less
in area).
l 3-channel (R, G, B) Si photodiode
l Surface-mount small plastic package
l Spectral response range close to the human eye
sensitivity
l No sensitivity in the near IR region
l Active area: 3-segment (RGB) active area of o1 mm
l Portable or mobile equipment
l RGB-LCD backlight monitors
l Detectors for various light sources
l Color detection
1
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Reverse voltage
VR Max
10
V
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
s Electrical and optical characteristics
(Ta= 25 °C, per element )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Blue
-
400 to 540
-
Green
-
480 to 600
-
Spectral response range
λ
Red
-
590 to 720
-
nm
Blue
-
460
-
Green
-
540
-
Peak sensitivity wavelength
λp
Red
-
620
-
nm
Blue
0.13
0.18
-
Green
0.18
0.23
-
Photo sensitivity
S
λ=λp
Red
0.11
0.16
-
A/W
Dark current
ID
VR=1 V
All elements
-
1
50
pA
Temperature coefficient of ID
TCID
-
1.12
-
times/
°C
Rise time
tr
VR=0 V, RL=1 k
10 to 90 %
-
0.1
-
µs
Terminal capacitance
Ct
VR=0 V, f=10 kHz
-
12
25pF


Similar Part No. - S9702

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9702 HAMAMATSU-S9702 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
S9702 HAMAMATSU-S9702 Datasheet
254Kb / 11P
   Digital color sensor
S9702 HAMAMATSU-S9702_15 Datasheet
224Kb / 4P
   S9702_15
More results

Similar Description - S9702

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S6428-01 HAMAMATSU-S6428-01 Datasheet
109Kb / 2P
   Si photodiode RGB color sensor
S9032-02 HAMAMATSU-S9032-02 Datasheet
69Kb / 2P
   Si photodiode RGB color sensor
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8 Datasheet
620Kb / 11P
   Surface - Mount RGB Color Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com