Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9219 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9219
Description  Si photodiode Spectral response like human eye
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9219 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9219 Datasheet HTML 1Page - Hamamatsu Corporation S9219 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Accurate visible-compensated filter is used
l High reliable metal package
l S9219: Metal package with BNC connector
(active area:
f11.3 mm)
l S9219-01: TO-5 (active area: 3.6 × 3.6 mm)
l Deviation from standard spectral luminous efficiency V(l) *1:
fs =10 % Typ.
Applications
l Photometry
l Luxmeter, etc.
PHOTODIODE
Si photodiode
Spectral response like human eye
S9219 series
s Absolute maximum ratings
Parameter
Symbol
S9219
S9219-01
Unit
Reverse voltage
VR Max.
5
5
V
Operating temperature
Topr
-20 to +50
-40 to +50
°C
Storage temperature
Tstg
-55 to +50
-55 to +50
°C
s Electrical and optical characteristics (Ta=25
°C)
S9219
S9219-01
Parameter
Symbol
Condition
Typ.
Max.
Typ.
Max.
Unit
Spectral response range
λ
*
2
380 to 780
-
380 to 780
-
nm
Peak sensitivity wavelength
λp
55
0
-
55
0
-
nm
Photo sensitivity
S
λ=λp
0.24
-
0.22
-
A/W
Short circuit current
Isc
100 lx, 2856 K
3.8
-
0.5
-
µA
Dark current
ID
VR=10 mV
50
500
10
50
pA
Rise time
tr
VR=0 V, RL=1 k
2.5
-
0.5
-
µs
Terminal capacitance
Ct
VR=0 V, f=10 kHz
1100
-
150
-
pF
*1: Standard spectral luminous efficiency V (
λ): wavelength response of the human eye. The extent of deviation from V (λ) is
indicated as fs (%).
*2: Conforms to specified range for V (
λ)
1


Similar Part No. - S9219

ManufacturerPart #DatasheetDescription
logo
IBM
S922 IBM-S922 Datasheet
242Kb / 4P
   IBM Power System S922
logo
Hamamatsu Corporation
S9226 HAMAMATSU-S9226 Datasheet
106Kb / 4P
   CMOS linear image sensor Built-in timing generator and signal processing circuit; single 3.3 V supply operation
S9226 HAMAMATSU-S9226_15 Datasheet
1,000Kb / 9P
   CMOS linear image sensors
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
S9227 HAMAMATSU-S9227_15 Datasheet
384Kb / 8P
   CMOS linear image sensors
More results

Similar Description - S9219

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9066-111 HAMAMATSU-S9066-111 Datasheet
132Kb / 2P
   Photo IC diode Spectral response close to human eye sensitivity
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
   Si photodiode
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
   Si photodiode
logo
Roithner LaserTechnik G...
IQ80XL ROITHNER-IQ80XL Datasheet
177Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
   Si photodiode
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
   Si photodiode
S1087 HAMAMATSU-S1087 Datasheet
152Kb / 4P
   Si photodiode
S7686 HAMAMATSU-S7686_15 Datasheet
191Kb / 4P
   Si photodiode
S4349 HAMAMATSU-S4349_15 Datasheet
200Kb / 4P
   Si photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com