Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9055 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9055
Description  Si PIN photodiode Flat response characteristics up to high frequency bands
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9055 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9055 Datasheet HTML 1Page - Hamamatsu Corporation S9055 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
PHOTODIODE
Si PIN photodiode
Flat response characteristics up to high frequency bands
S9055 series
S9055 series Si PIN photodiodes deliver a high-speed response exceeding 1 GHz at low bias voltage (VR=2 V). Their low capacitance (less than
1 pF) makes them ideal for combination with high-speed trans-impedance amplifiers.
l Flat response characteristics up to high frequency bands
Frequency flatness: -0.5 dB Max.
(VR=2 V,
λ=830 nm, f=100 MHz)
l High-speed response
S9055: 1.5 GHz (VR=2 V, -3 dB)
S9055-01: 2 GHz (VR=2 V, -3 dB)
l Low capacitance
S9055: 0.8 pF (VR=2 V)
S9055-01: 0.5 pF (VR=2 V)
l Highly reliable package: 3-pin TO-18 package
l Optical fiber communications
l High-speed measurement system
l Optical inter-connection
1
s General rating / absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
S9055
S9055-01
Unit
Active area
-
φ0.2
φ0.1
mm
Reverse voltage
VR Max.
20
V
Operating temperature
Topr
-40 to +100
°C
Storage temperature
Tstg
-55 to +125
°C
s Electrical and optical characteristics (Ta=25
°C)
S9055
S9055-01
Parameter
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Spectral response range
λ
320 to 1000
320 to 1000
nm
Peak sensitivity wavelength
λp
-
700
-
-
700
-
nm
Photo sensitivity
S
λ=850 nm
0.2
0.25
-
0.2
0.25
-
A/W
Dark current
ID
VR=2 V
-
1
100
-
1
100
pA
Terminal capacitance
Ct
VR=2 V, f=1 MHz
-
0.8
1.2
-
0.5
0.75
pF
Cut-off frequency
fc
VR=2 V, RL=25
-3dB
1.0
1.5
-
1.5
2
-
GHz
Frequency flatness
-
VR=2 V,
λ=850 nm
f=100 MHz
-
-
-0.5
-
-
-0.5
dB


Similar Part No. - S9055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S9000-ND TI-S9000-ND Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Analog Devices
S9001-ND AD-S9001-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Diodes Incorporated
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
S9005P2CT DIODES-S9005P2CT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23028 Rev. P-5
logo
Shenzhen Luguang Electr...
S9011 LUGUANG-S9011 Datasheet
1Mb / 2P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - S9055

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8650 HAMAMATSU-S8650 Datasheet
85Kb / 2P
   Si PIN photodiode Flat surface ideal for bonding to scintillator
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
   Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
   Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
S5106 HAMAMATSU-S5106_15 Datasheet
397Kb / 4P
   Si PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com