Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL064M90BCIR33 Datasheet(PDF) 6 Page - SPANSION

Part # S29GL064M90BCIR33
Description  3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL064M90BCIR33 Datasheet(HTML) 6 Page - SPANSION

Back Button S29GL064M90BCIR33 Datasheet HTML 2Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 3Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 4Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 5Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 6Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 7Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 8Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 9Page - SPANSION S29GL064M90BCIR33 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 160 page
background image
6
S29GLxxxM MirrorBitTM Flash Family
S29GLxxxM_00A5 April 30, 2004
Pr e l i m i n a r y
Product Selector Guide
S29GL256M
S29GL128M
S29GL064M
S29GL032M
Part Number
S29GL256M
Speed Option
10
11
Max. Access Time (ns)
100
110
Max. CE# Access Time (ns)
100
110
Max. Page Access Time (ns)
30
30
Max. OE# Access Time (ns)
30
30
Part Number
S29GL128M
Speed Option
90
10
Max. Access Time (ns)
90
100
Max. CE# Access Time (ns)
90
100
Max. Page Access Time (ns)
25
30
Max. OE# Access Time (ns)
25
30
Part Number
S29GL064M
Speed Option
90
10
11
Max. Access Time (ns)
90
100
110
Max. CE# Access Time (ns)
90
100
110
Max. Page Access Time (ns)
25
30
30
Max. OE# Access Time (ns)
25
30
30
Part Number
S29GL032M
Speed Option
90
10
11
Max. Access Time (ns)
90
100
110
Max. CE# Access Time (ns)
90
100
110
Max. Page Access Time (ns)
25
30
30
Max. OE# Access Time (ns)
25
30
30


Similar Part No. - S29GL064M90BCIR33

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL064M90BCIR33 SPANSION-S29GL064M90BCIR33 Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
More results

Similar Description - S29GL064M90BCIR33

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com