Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8745-01 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S8745-01
Description  Photodiode and preamp integrated with feedback resistance and capacitance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8745-01 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S8745-01 Datasheet HTML 1Page - Hamamatsu Corporation S8745-01 Datasheet HTML 2Page - Hamamatsu Corporation S8745-01 Datasheet HTML 3Page - Hamamatsu Corporation S8745-01 Datasheet HTML 4Page - Hamamatsu Corporation S8745-01 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si photodioe with preamp
S8745-01, S8746-01
-
+
RL
TO-8
PACKAGE
Rf
(EXTERNAL CONNECTED)
RL is the input impedance to
the next-stage circuit when
viewed from the OUT terminal.
Rf=1 G
Ω (BUILT-IN)
Cf=5 pF (BUILT-IN)
WINDOW
(QUARTZ)
0.1 µF
0.1 µF
Vcc+
Vcc-
NC
PHOTODIODE
-
+
RL
TO-5
PACKAGE
Rf
(EXTERNAL CONNECTED)
RL is the input impedance to
the next-stage circuit when
viewed from the OUT terminal.
Rf=1 G
Ω (BUILT-IN)
Cf=5 pF (BUILT-IN)
WINDOW
(QUARTZ)
0.1 µF
0.1 µF
Vcc+
Vcc-
NC
PHOTODIODE
Figure 5 Application circuit example
S8745-01 and S8746-01 use a package with the guard ring effect provided. To make it effective during measurement, the
package leads (pin 5 for S8745-01; pins 5 and 11 for S8746-01) should be connected to the ground line.
When a feedback resistor is externally connected, it is necessary to provide a guard ring on the circuit board or to provide a teflon
standoff for the leads.
Note) A tantalum or ceramic capacitor of 0.1 to 10 µF must be connected to the supply voltage leads (pins 3 and 9 for S8745-01;
pins 1 and 4 for S8746-01) as a bypass capacitor used to prevent the device from oscillation.
KSPDC0048EA
KSPDC0049EA
S8745-01
S8746-01
4


Similar Part No. - S8745-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8745-01 HAMAMATSU-S8745-01_15 Datasheet
226Kb / 7P
   Si photodiodes with preamp
More results

Similar Description - S8745-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9269 HAMAMATSU-S9269 Datasheet
114Kb / 3P
   Photodiode and preamp integrated with feedback resistance and capacitance
S9269 HAMAMATSU-S9269_15 Datasheet
399Kb / 4P
   Si photodiode with preamp
S7998 HAMAMATSU-S7998 Datasheet
151Kb / 3P
   Si photodiode with preamp
logo
Burr-Brown (TI)
OPT301 BURR-BROWN-OPT301 Datasheet
163Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
logo
Hamamatsu Corporation
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
G9845-14 HAMAMATSU-G9845-14 Datasheet
76Kb / 2P
   GaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
   InGaAs PIN photodiode with preamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com