Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8650 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S8650
Description  Si PIN photodiode Flat surface ideal for bonding to scintillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8650 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S8650 Datasheet HTML 1Page - Hamamatsu Corporation S8650 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Si PIN photodiode
S8650
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KPIN1061E02
Aug. 2006 DN
0.45
LEAD
1.25
10.0
14.5
(1.4)
+0
- 0.5
Epoxy resin flatness: ±5 µm
Tolerance unless otherwise
noted: ±0.2
ACTIVE AREA
PHOTOSENSITIVE
SURFACE
WHITE CERAMIC
WAVELENGTH (nm)
0
200
400
600
0.1
0.2
0.3
0.4
0.5
800
1200
1000
0.6
0.7
(Typ. Ta=25 ˚C)
REVERSE VOLTAGE (V)
100 pA
0.1
1
10
1000
100
1 nA
10 nA
100 nA
(Typ. Ta=25 ˚C)
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C, f=1 MHz)
1
0.1
10 pF
100 pF
10 nF
1 nF
10
100
1000
s Dimensional outline (unit: mm)
s Spectral response
KPINB0254EA
s Dark current vs. reverse voltage
KPINB00255EA
s Terminal capacitance vs. reverse voltage
KPINB00256EA
KPINA0088EA
2


Similar Part No. - S8650

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
S8650A0C0E6E1A0A SCHNEIDER-S8650A0C0E6E1A0A Datasheet
147Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 277VAC 60Hz, Ethernet No I/O
S8650A0C0E6E1B0A SCHNEIDER-S8650A0C0E6E1B0A Datasheet
147Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 277VAC 60Hz, Ethernet 3I4O
S8650A0C0H6C7A0A SCHNEIDER-S8650A0C0H6C7A0A Datasheet
148Kb / 4P
   ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Full comm No I/O
S8650A0C0H6C7B0A SCHNEIDER-S8650A0C0H6C7B0A Datasheet
140Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Full comm 3I4O
S8650A0C0H6E1B0A SCHNEIDER-S8650A0C0H6E1B0A Datasheet
148Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
More results

Similar Description - S8650

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3590-18 HAMAMATSU-S3590-18 Datasheet
416Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for scintillation counting
S9723 HAMAMATSU-S9723 Datasheet
99Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for direct detection
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
   Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
   Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com