Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8650 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S8650
Description  Si PIN photodiode Flat surface ideal for bonding to scintillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8650 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S8650 Datasheet HTML 1Page - Hamamatsu Corporation S8650 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S8650
S8650 Si PIN photodiode has an epoxy coating window processed to have a flat surface (flatness: ±5 µm). When bonded to a scintillator, the flat
surface allows highly tight coupling to the scintillator so bubbles are unlikely to penetrate in between.
We also accept special orders for machining flat surfaces on other ceramic package products. Feel free to place an order with us.
Features
l Flat epoxy coating surface ideal for bonding to scintillator
Flatness: ±5 µm
l Active area: 10 × 10 mm
(Other sizes are also available on request.)
Applications
l Scintillation X-ray detectors
l Calorimeters, etc.
PHOTODIODE
Si PIN photodiode
Flat surface ideal for bonding to scintillator
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Value
Unit
Reverse voltage
VR Max.100
V
Operating temperature
Topr
-20 to +60
°C
Storage temperature
Tstg
-20 to +80
°C
s Electrical and optical characteristics (Ta=25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
320 to 1100
-
nm
Peak sensitivity wavelength
λp
-
960
-
nm
λ=λp
-0.66
-
A/W
BGO:
λ=480 nm
-0.30
-
A/W
Photo sensitivity
S
CsI (Tl):
λ=540 nm
-0.37
-
A/W
Dark current
ID
VR=70 V
-
2
6
nA
Cut-off frequency
fc
λ=780 nm, VR=70 V
RL=50
Ω, -3 dB
-40
-
MHz
Terminal capacitance
Ct
VR=70 V, f=1 MHz
-
40
-
pF
Noise equivalent power
NEP
VR=70 V,
λ=λp
3.8 × 10
-14
-W/Hz
1/2
1


Similar Part No. - S8650

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
S8650A0C0E6E1A0A SCHNEIDER-S8650A0C0E6E1A0A Datasheet
147Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 277VAC 60Hz, Ethernet No I/O
S8650A0C0E6E1B0A SCHNEIDER-S8650A0C0E6E1B0A Datasheet
147Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 277VAC 60Hz, Ethernet 3I4O
S8650A0C0H6C7A0A SCHNEIDER-S8650A0C0H6C7A0A Datasheet
148Kb / 4P
   ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Full comm No I/O
S8650A0C0H6C7B0A SCHNEIDER-S8650A0C0H6C7B0A Datasheet
140Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Full comm 3I4O
S8650A0C0H6E1B0A SCHNEIDER-S8650A0C0H6E1B0A Datasheet
148Kb / 3P
   ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
More results

Similar Description - S8650

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3590-18 HAMAMATSU-S3590-18 Datasheet
416Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for scintillation counting
S9723 HAMAMATSU-S9723 Datasheet
99Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for direct detection
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
   Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
   Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com